Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZA-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADL6331ACCZA-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZA-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL6331ACCZA-R7 Datasheet HTML 28Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 29Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 30Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Data Sheet
ADL6331
PROGRAMMABILITY GUIDE
analog.com
Rev. B | 32 of 54
Table 16. NVM Register
Register
Address
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x140
FUSE_REA
DBACK_0
[7:0]
RESERVED
TRM_AMP1_IGREF_RDBK
0x141
FUSE_REA
DBACK_1
[7:0]
RESERVED
TRM_AMP1_IDREF_Z_RDBK
0x142
FUSE_REA
DBACK_2
[7:0]
RESERVED
TRM_AMP1_IDREF_P_RDBK
0x143
FUSE_REA
DBACK_3
[7:0]
RESERVED
TRM_AMP2_IGREF_RDBK
0x144
FUSE_REA
DBACK_4
[7:0]
RESERVED
TRM_AMP2_IDREF_Z_RDBK
0x145
FUSE_REA
DBACK_5
[7:0]
RESERVED
TRM_AMP2_IDREF_P_RDBK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com