Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZB-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL6331ACCZB-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZB-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL6331ACCZB-R7 Datasheet HTML 30Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 31Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 32Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 33Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 34Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 35Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 36Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 37Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Data Sheet
ADL6331
SERIAL PORT INTERFACE (SPI)
analog.com
Rev. B | 34 of 54
INITIALIZATION SEQUENCE
The ADL6331 has a built-in initialization sequence that is triggered
by a software reset to correctly load data from the NVM into the
memory for normal amplifier operation. The calibrated and trimmed
settings for AMP1 and AMP2 are factory programmed and stored
in NVM prior to shipping to the user. After a software reset is
performed, the data in the NVM needs to be loaded into the
digital Register 0x140 to Register 0x145 for operation. This loading
process takes four SPI cycles, write or read, after the software reset
is asserted. The loading process is independent of the state of the
ENP pin, high or low.
The full procedure for initializing the part is as follows:
1. Supply 3.3 V.
2. Apply software reset.
3. Send four SPI commands to ADL6331 (read or write).
The software reset, sending 0x81 in Register 0x000, is always
recommended immediately after the 3.3 V is supplied.
After the 3.3 V is supplied, perform the following steps as shown in
Table 17):
1. Write 0x81 in Register 0x000 for the software reset.
2. Write 0x18 in Register 0x000 for configuring 4-wire SPI mode.
3. Write 0x01 in Register 0x00A1.
4. Write 0x02 in Register 0x00A.
5. Write 0x03 in Register 0x00A.
6. Write 0x07 in Register 0x101 to enable the AMP2, DSA, and
AMP1 to start the normal amplifier operation.
After four write cycles are sent, the data in Register 0x140 to
Register 0x145 are correctly loaded for use in operation.
Table 17 is the basic sequence to start ADL6331 in normal opera-
tion. After the sequence is complete, the registers are set to the
default configuration. It is recommended to enable AMP2, DSA, and
AMP1 (in Register 0x101) in the last SPI cycle (Step 6) to avoid any
unexpected output signals from the ADL6331 when the ENP pin is
set to high combined with the 3.3 V supply.
Table 17. Example 1: SPI Command Writes
Address
Write Data
Notes
0x000
0x81
Software reset
0x000
0x18
1st Cycle: Configure 4-wire SPI mode
0x00A
0x01
2nd Cycle: Scratch pad writing. Any data is fine.
0x00A
0x02
3rd Cycle: Scratch pad writing. Any data is fine.
0x00A
0x03
4th Cycle: Scratch pad writing. Any data is fine.
0x101
0x07
The data in Register 0x140 to Register 0x145 are correctly loaded to use for operation. Enable AMP2, DSA,
and AMP1 functions to start operations. Default register values are used for RF performance.
1 Register 0x00A is named Scratch Page and is a read and write register for SPI communication testing that does not affect performance in the ADL6331.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com