Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZB-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADL6331ACCZB-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZB-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADL6331ACCZB-R7 Datasheet HTML 38Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 39Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 40Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 41Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 42Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 43Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 44Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 45Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Data Sheet
ADL6331
REGISTER DETAILS
analog.com
Rev. B | 42 of 54
Table 30. Bit Descriptions for SPARE_0013
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_0013
Spare 0013.
0x0
R
Address: 0x100, Reset: 0x11, Name: SIG_PATH0_0
Table 31. Bit Descriptions for SIG_PATH0_0
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
AMUX_BG_EN
AMUX Bandgap Enable.
0x1
R/W
0: Disable AMUX Bandgap.
1: Enable AMUX Bandgap.
[3:1]
RESERVED
Reserved.
0x0
R/W
0
LDO18_EN
1.8V LDO Enable for AMUX Block.
0x1
R/W
0: Disable.
1: Enable.
Address: 0x101, Reset: 0x00, Name: SIG_PATH1_0
Table 32. Bit Descriptions for SIG_PATH1_0
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
AMP2_EN
Enable Amp 2.
0x0
R/W
0: Disable.
1: Enable.
1
DSA_EN
DSA Enable.
0x0
R/W
0: Disable.
1: Enable.
0
AMP1_EN
Enable Amp 1.
0x0
R/W
0: Disable.
1: Enable.
Address: 0x102, Reset: 0x00, Name: SIG_PATH2_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com