Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZB-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL6331ACCZB-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZB-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL6331ACCZB-R7 Datasheet HTML 7Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 8Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 9Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 10Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 11Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 12Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 13Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 14Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Data Sheet
ADL6331
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 11 of 54
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
CA2
Input
SPI Chip Address (MSB).
2, 5, 14, 16, 17
GND
Input and Output
Ground Reference.
3
RFINP
Input
Negative Side of Balanced Differential Inputs.
4
RFINN
Input
Positive Side of Balanced Differential Inputs.
6
ATTSEL1
Input
Preprogrammed Mode Selection (A, B, C, and D States).
7
MUXOUT
Output
Voltage Measurement Pin for Reading Chip Temperature. Leave as no connect when not in
use.
8
V33AMP1A
Input
Analog 3.3 V Power-Supply Input for AMP1.
9
V33AMP1
Input
Analog 3.3 V Power-Supply Input for AMP1.
10
V33AMP2A
Input
Analog 3.3 V Power-Supply Input for AMP2.
11
V33AMP2
Input
Analog 3.3 V Power-Supply Input for AMP2.
12
ENP
Input
Power Up and Enable Input. Active High.
13
ATTSEL0
Input
Preprogrammed Mode Selection (A, B, C, and D States).
15
RFOUT
Output
Single-Ended RF Output.
18
SDO
Output
Serial-Port Data Output.
19
SDIO
Input and Output
Serial-Port Bidirectional Data Input and Output.
20
SCLK
Input
Serial-Port Clock Input.
21
CSB
Input
Serial-Port Enable Input. Active low.
22
V33FUSE
Input
Digital 3.3 V Power-Supply Input.
23
CA0
Input
SPI Chip Address (LSB).
24
CA1
Input
SPI Chip Address.
EPAD
Input and Output
Exposed Pad. The exposed pad must be connected to ground for electrical and thermal
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com