Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZB-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6331ACCZB-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZB-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL6331ACCZB-R7 Datasheet HTML 1Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 2Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 3Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 4Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 5Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 6Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 7Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 8Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Data Sheet
ADL6331
0.38 GHz to 15 GHz TxVGA
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Broadband TxVGA interfacing RF-DAC to beamformer and PA
►
Operating frequency range: 0.38 GHz to 15 GHz, two product
variants
►
ADL6331-A: 0.38 GHz to 8.0 GHz
►
ADL6331-B: 1.0 GHz to 15.0 GHz
►
Optimizes common-mode rejection of RF-DAC, even-order har-
monics, and intermodulation
►
50 Ω differential inputs and 50 Ω single-ended output
►
Integrated broadband RF output balun
►
70 dB of gain control range in 1.0 dB step
►
RF DSA range: 24.0 dB with 1.0 dB step
►
Amplifier bypass loss of 12 dB each
►
Asynchronous toggle between multiple predefined attenuation
values and bypass amplifier stages
►
Power gain at 4 GHz: 15.5 dB (ADL6331-A), 15.8 dB (ADL6331-
B)
►
Noise figure at 4 GHz: 7.5 dB (ADL6331-A), 8.1 dB (ADL6331-B)
►
OIP3 at 4 GHz: 32.8 dBm (ADL6331-A), 31.8 dBm (ADL6331-B)
►
OIP2 at 4 GHz: 59.7 dBm (ADL6331-A), 56.2 dBm (ADL6331-B)
►
OP1dB at 4 GHz: 12.2 dBm (ADL6331-A), 12.3 dBm (ADL6331-
B)
►
Fully programmable through a 3- or 4-wire SPI
►
Single 3.3 V supply
►
24-terminal, 4.0 mm × 4.0 mm land grid array (LGA)
APPLICATIONS
►
Aerospace and defense
►
Instrumentation and test equipment
►
Communication systems
GENERAL DESCRIPTION
The ADL6331 transmit variable gain amplifier (TxVGA) provides
an interface from RF digital-to-analog converters (RF DACs) to a
singled-ended power amplifier (PA) signal chain. Each ADL6331 IC
is composed of a balun, two differential RF amplifiers with bypass
attenuators, and a digital step attenuator (DSA) to provide suitable
transmitter performance in a 24-terminal, 4.0 mm x 4.0 mm LGA
package.
Serial-port interface (SPI) control is available to configure RF signal
paths or to optimize supply current vs. performance.
An integrated RF balun is used to provide a single-ended output
over 0.38 GHz to 8.0 GHz (ADL6331-A) or 1.0 GHz to 15.0 GHz
(ADL6331-B) with good impedance match.
Table 1. ADL6331 Frequency Ranges
ADL6331 Variant
Frequency Range (GHz)
A
0.38 to 8.0
B
1.0 to 15.0
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL6331ACCZB-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6332 AD-ADL6332 Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZA AD-ADL6332ACCZA Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZA-R7 AD-ADL6332ACCZA-R7 Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZB AD-ADL6332ACCZB Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZB-R7 AD-ADL6332ACCZB-R7 Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
More results

Similar Description - ADL6331ACCZB-R7

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
RF Coaxial Switches (DC to 15 GHz)
logo
Pasternack Enterprises,...
PE9817 PASTERNACK-PE9817 Datasheet
282Kb / 2P
WR-75 to N Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE-W15TR1001 PASTERNACK-PE-W15TR1001 Datasheet
408Kb / 3P
1 Watt Instrumentation Grade WR-15 Waveguide Load 50 GHz to 75 GHz
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
logo
Analog Devices
HMC892ALP5E AD-HMC892ALP5E Datasheet
583Kb / 11P
3.45 GHz to 6.25 GHz, GHz,
9/2018-Revision 0
logo
Broadcom Corporation.
AMMC-6550 BOARDCOM-AMMC-6550 Datasheet
131Kb / 8P
15 to 50 GHz Image Rejection Mixer
logo
Guerrilla RF, Inc.
GRF3042 GUERRILLA-GRF3042 Datasheet
1Mb / 17P
BROADBAND GAIN BLOCK 10 MHz to 15 GHz
January 18, 2023
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com