Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZB-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL6331ACCZB-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZB-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL6331ACCZB-R7 Datasheet HTML 9Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 10Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 11Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 12Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 13Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 14Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 15Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 16Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Data Sheet
ADL6331
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 13 of 54
ADL6331-A
V33AMP1 = V33AMP1A = V33AMP2 = V33AMP2A = V33FUSE = 3.3 V, TA = 25°C, fixed gain mode, DSA attenuation = 0 dB, RS = 50 Ω differential, and
RL = 50 Ω single-ended, unless otherwise noted.
Figure 12. Gain vs. Frequency, 1.0 dB DSA Steps
Figure 13. Gain vs. Frequency, 1.0 dB DSA Steps, AMP2 Bypass
Figure 14. Gain vs. Frequency, 1.0 dB DSA Steps, AMP1 Bypass
Figure 15. Gain vs. Frequency, 1.0 dB DSA Steps, AMP1 and AMP2 Bypass
Figure 16. Gain vs. Frequency for Various Supplies
Figure 17. Gain vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com