Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZB-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL6331ACCZB-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZB-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL6331ACCZB-R7 Datasheet HTML 13Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 14Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 15Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 16Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 17Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 18Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 19Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 20Page - Analog Devices ADL6331ACCZB-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Data Sheet
ADL6331
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 17 of 54
Figure 36. HD3 vs. Frequency for Various Temperatures, Output Power
Equals to −7 dBm
Figure 37. Second Harmonic Distortion (HD2) vs. Frequency for Various
Supplies, Output Power Equals to −7 dBm
Figure 38. HD2 vs. Frequency for Various Temperatures, Output Power
Equals to −7 dBm
Figure 39. Noise Figure vs. Frequency at Various DSA Values
Figure 40. Noise Figure vs. 1.0 dB DSA Steps for Various Frequencies
Figure 41. Noise Figure vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com