Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL42002ACPZN-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADPL42002ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
3 of 22
REVISION HISTORY
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
1/25
Initial release
—
1
3/25
Updated Initial Accuracy to ±1% in the Features section
Updated Capacitor ESR’s Min value to 0.001 in Table 2
Updated Quiescent Current’s value to 240μF in Theory of
Operation section
Removed Table 6 link from PCB Layout Considerations section
1
5
13
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com