Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL42002ACPZN-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL42002ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
16 of 22
Soft Start
The ADPL42002 uses an internal soft start (when the SS pin is left open) to limit the inrush current when the output
is enabled. The start-up time for the 3.3V option is approximately 400µs from the time the EN active threshold is
crossed to when the output reaches 90% of the final value. As shown in Figure 30, the start-up time is indepezndent
of the output voltage setting.
Figure 30. Typical Start-Up Behavior
An external capacitor connected to the SS pin determines the soft-start time. This SS pin can be left open for a typical
400µs start-up time. Do not ground this pin. When an external soft-start capacitor (CSS) is used, the soft-start time is
determined by the following equation:
SSTIME (sec) = tSTART-UPat0pF + (0.6 × CSS)/ISS
(7)
Where:
tSTART-UP at 0 pF is the start-up time at CSS = 0pF (typically 400µs).
CSS is the soft-start capacitor (F).
ISS is the soft-start current (typically 1.15µA).
Figure 31. Typical Soft Start Behavior, Different CSS
TIME (ms)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
1
2
3
4
6
5
VEN
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5.0V
TIME (ms)
10
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
2.0
3.0
3.5
1.5
2.5
VEN
NO SS CAP
1nF
2nF
4.7nF
6.8nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com