Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL42002ACPZN-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL42002ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
6 of 22
ABSOLUTE MAXIMUM RATINGS
Table 3. Absolute Maximum Ratings
PARAMETER
RATING
VIN to GND
–0.3V to +24V
VOUT to GND
–0.3V to VIN
EN to GND
–0.3V to +24V
SENSE/ADJ to GND
–0.3V to +6V
SS to GND
–0.3V to VIN or +6V (whichever is less)
Storage Temperature Range
–65°C to +150°C
Junction Temperature (TJ)
150°C
Operating Ambient Temperature (TA) Range
–40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
Thermal Data
Absolute maximum ratings apply individually only, not in combination. The ADPL42002 can be damaged when the
junction temperature limits are exceeded. Monitoring ambient temperature does not guarantee that TJ is within the
specified temperature limits. In applications with high power dissipation and poor thermal resistance, the maximum
ambient temperature may have to be derated.
In applications with moderate power dissipation and low printed circuit board (PCB) thermal resistance, the
maximum ambient temperature can exceed the maximum limit as long as the junction temperature is within
specification limits. The junction temperature of the device is dependent on the ambient temperature, the power
dissipation (PD) of the device, and the junction-to-ambient thermal resistance of the package (θJA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com