Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL42002ACPZN-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADPL42002ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
ADPL42002
20V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 1
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
TECHNICAL SUPPORT
©2025 Analog Devices, Inc. Al l rights re serve d.
FEATURES
Low Noise: 20µVRMS Independent of Fixed Output
Voltage
PSRR of 78dB at 10kHz, VOUT ≤ 5V, VIN = 7V
Input Voltage Range: 2.7V to 20V
Maximum Output Current: 200mA
Initial Accuracy: ±1%
Accuracy Over Line, Load, and Temperature
±1.8%, TJ = −40°C to +125°C
Low Dropout Voltage: 220mV (typical) at a 200mA
Load, VOUT = 5V
User Programmable Soft Start
Low Quiescent Current, IGND = 80μA (typical) with
no Load
Low Shutdown Current: 1.8μA at VIN = 5V, 3.0μA
at VIN = 20V
Stable with a Small 2.2µF Ceramic Output
Capacitor
Fixed Output Voltage Options: 1.8V, 2.5V, 3.3V,
and 5V
Adjustable Output from 1.2V to VIN – VDO, Output
can be Adjusted Above Initial Set Point
Precision Enable
6-Lead LFCSP (2mm x 2mm), 8-Lead SOIC
APPLICATIONS
Regulation to Noise Sensitive Applications
ADC and DAC Circuits, Precision Amplifiers,
Power for VCO VTUNE Control
Communications and Infrastructure
Medical and Healthcare
Industrial and Instrumentation
GENERAL DESCRIPTION
The ADPL42002 is a CMOS, low dropout (LDO) linear
regulator that operates from 2.7V to 20V and provides
up to 200mA of output current. This high input voltage
LDO is ideal for the regulation of high-performance
analog and mixed-signal circuits operating from 19V
down to 1.2V rails. Using an advanced proprietary
architecture, the device provides high power supply
rejection, low noise, and achieves excellent line and
load transient response with a small 2.2µF ceramic
output capacitor. The ADPL42002 regulator output
noise is 20μVRMS independent of the output voltage for
the fixed options of 5V or less.
The ADPL42002 is available in four fixed output voltage
options. The following voltages are available from
stock: 1.2V (adjustable), 1.8V, 2.5V, 3.3V, and 5.0V.
Each fixed output voltage can be adjusted above the
initial set point with an external feedback divider. This
allows the ADPL42002 to provide an output voltage from
1.2V to VIN − VDO with high PSRR and low noise.
User programmable soft start with an external capacitor
is available.
The ADPL42002 is available in a 6-lead, 2mm x 2mm
LFCSP, making it not only a very compact solution, but
it also provides excellent thermal performance for
applications requiring up to 200mA of output current in
a small, low-profile footprint. The ADPL42002 is also
available in an 8-lead SOIC.
TYPICAL APPLICATION CIRCUITS
Figure 1. ADPL42002 with Fixed Output Voltage, 5V
Figure 2. ADPL42002 with 5V Output Adjusted to 6V
GND
EN
SS
VIN
VOUT
ADPL42002
ON
OFF
VIN = 6V
VOUT = 5V
SENSE/ADJ
CIN
2.2µF
COUT
2.2µF
CSS
1nF
GND
EN
SS
VIN
VOUT
ADPL42002
ON
OFF
VIN = 7V
VOUT = 6V
SENSE/ADJ
CIN
2.2µF
COUT
2.2µF
CSS
1nF
2kΩ
10kΩ


Similar Part No. - ADPL42002ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42002 AD-ADPL42002 Datasheet
1Mb / 12P
ADPL42002 Evaluation Boards
Rev. 0
More results

Similar Description - ADPL42002ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com