Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPL42002ACPZN-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPL42002ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
10 of 22
Figure 11. Output Voltage (VOUT) vs. Input Voltage (VIN) in
Dropout, VOUT = 5V
Figure 12. Output Voltage (VOUT) vs. Junction Temperature
(TJ), VOUT = 3.3V
Figure 13. Output Voltage (VOUT) vs. Load Current (ILOAD),
VOUT = 3.3V
Figure 14. Output Voltage (VOUT) vs. Input Voltage (VIN),
VOUT = 3.3V
Figure 15. Ground Current vs. Junction Temperature (TJ),
VOUT = 3.3V
Figure 16. Dropout Voltage vs. Load Current (ILOAD),
VOUT = 3.3V
4.8
5.0
5.4
5.6
5.2
VIN (V)
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 150mA
LOAD = 200mA
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
3.25
3.35
3.33
3.31
3.29
3.27
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
0.1
1
10
100
1000
ILOAD (mA)
3.25
3.27
3.29
3.31
3.33
3.35
0
10
20
5
15
VIN (V)
3.25
3.27
3.29
3.31
3.33
3.35
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
0
300
250
200
150
100
50
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
1
10
100
1000
ILOAD (mA)
0
50
100
150
200
300
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com