Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL42002ACPZN-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADPL42002ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPL42002ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
4 of 22
SPECIFICATIONS
Table 1. Electrical Characteristics
(VIN = VOUT + 1V or 2.7V, whichever is greater, VOUT = 5V, EN = VIN, IOUT = 10mA, CIN = COUT = 2.2µF, CSS = open, TA = 25°C
for typical specifications, TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.7
20
V
Operating Supply
Current
IGND
IOUT = 0µA
80
170
µA
IOUT = 200mA
240
380
µA
Shutdown Current
IGND-SD
EN = GND
1.8
µA
EN = GND, VIN = 20V
3.0
10
µA
Output Voltage Accuracy
VOUT
IOUT = 10mA, TJ = 25°C
–1
+1
%
100μA < IOUT < 200mA,
VIN = (VOUT + 1V) to 20V
–1.8
+1.8
%
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 1V) to 20V
–0.015
+0.015
%/V
Load Regulation1
∆VOUT/∆IOUT
IOUT = 100μA to 200mA
0.002
0.004
%/mA
Sense Input Bias Current
SENSEI-BIAS
100μA < IOUT < 200mA,
VIN = (VOUT + 1V) to 20V
10
1000
nA
Dropout Voltage2
VDROPOUT
IOUT = 10mA
30
60
mV
IOUT = 200mA
220
450
mV
Start-Up Time3
tSTART-UP
VOUT = 5V
400
µs
Soft Start Source Current
SSI-SOURCE
SS = GND
1.15
µA
Current-Limit Threshold4
ILIMIT
250
360
460
mA
THERMAL SHUTDOWN
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD-HYS
15
°C
UNDERVOLTAGE THRESHOLDS
Input Voltage Rising
UVLORISE
2.7
V
Input Voltage Falling
UVLOFALL
2.2
V
Hysteresis
UVLOHYS
230
mV
PRECISION EN INPUT
Logic High
ENHIGH
2.7V ≤ VIN ≤ 20V
1.15
1.22
1.30
V
Logic Low
ENLOW
1.06
1.12
1.18
V
Logic Hysteresis
ENHYS
100
mV
Leakage Current
IEN-LKG
EN = VIN or GND
0.04
1
µA
Delay Time
tEN-DLY
From EN rising from 0V
to VIN to 0.1 x VOUT
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com