Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9328AF Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 35Page - Toshiba Semiconductor TC9328AF Datasheet HTML 36Page - Toshiba Semiconductor TC9328AF Datasheet HTML 37Page - Toshiba Semiconductor TC9328AF Datasheet HTML 38Page - Toshiba Semiconductor TC9328AF Datasheet HTML 39Page - Toshiba Semiconductor TC9328AF Datasheet HTML 40Page - Toshiba Semiconductor TC9328AF Datasheet HTML 41Page - Toshiba Semiconductor TC9328AF Datasheet HTML 42Page - Toshiba Semiconductor TC9328AF Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
TC9328AF
2004-09-13
39
2.
Division Method Setting
The pulse swallow method or direct method are selected with the HF and FM bit.
The power control bits (PW0/1) are controlled the gain of amplifier and prescaller (1/2 + 1/15•16).
Although the power bit in each mode has five methods, set up it as shown in the table.
By using 1 chip tuner IC that is built-in for 1/16 prescaller (TA2142FN), set up to the LF mode and set
the division value after 1/16 division frequency.
Mode
HF
PW0
PW1
FM
Division Method
Example of
Receiving Band
Operation
Frequency Range
Input Pin
Division
Number
(Note)
LF
0
1
0
0
Direct division method
MW/LW
0.5~8 MHz
HF1
1
1
0
0
3~30 MHz
HF2
1
0
1
0
Pulse swallow method
(1/15•16)
SW
1~10 MHz
AMin
n
FM
1
1
0
1
FM
30~130 MHz
VHF
1
0
1
1
Pulse swallow method
(1/2
+ 1/15•16)
TV
(1 ch~12 ch)
50~230 MHz
FMin
2•n
Note: “n” represents the number of divisions programmed.
Note: It may not operate normally with abnormal current dissipation or unlocked PLL etc.
3.
Frequency Division Number Setting
The frequency division number for the programmable counter is set in bits P0 to P16 in binary.
• Pulse swallow method (17 bits)
• Direct division method (13 bits)
P16 P15 P14 P13 P12 P11 P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
P0
2
16
2
0
LSB
MSB
The range of frequency division number setting (n
= 210H~1FFFFH (528~131071))
P16 P15 P14 P13 P12 P11 P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
P0
2
12
2
0
Don’t care
LSB
MSB
The range of frequency division number setting (n
= 10H~1FFFH (16~8191))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com