Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9328AF Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 45Page - Toshiba Semiconductor TC9328AF Datasheet HTML 46Page - Toshiba Semiconductor TC9328AF Datasheet HTML 47Page - Toshiba Semiconductor TC9328AF Datasheet HTML 48Page - Toshiba Semiconductor TC9328AF Datasheet HTML 49Page - Toshiba Semiconductor TC9328AF Datasheet HTML 50Page - Toshiba Semiconductor TC9328AF Datasheet HTML 51Page - Toshiba Semiconductor TC9328AF Datasheet HTML 52Page - Toshiba Semiconductor TC9328AF Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
TC9328AF
2004-09-13
49
○
LCD Driver
The LCD driver uses the 1/4 duty and 1/2 bias drive method (62.5-Hz frame frequency).
The common output outputs the VLCD, VLCD/2 (VEE) and the GND electrical potential, and the segment
output outputs the VLCD and GND electrical potential.
A combination of four common outputs and 22 segment outputs enables a maximum of 88 segments to be
illuminated. The S15 to S22 pin for LCD driver are also used as the I/O port, after system reset is set as an
I/O Port, and can perform a change of an I/O Port and a segment output per 1 bit. All LCD output pins
(COM1-S14) can be changed to an output port. The LCD driver is built-in a constant voltage circuit (VEE =
1.5 V) for display purposes and a voltage doubler circuit (VLCD = 3.0 V), The constant voltage circuit for
display (VEE) is used as for twice doubler voltage (VDB) is used. For this reason, LCD display stabilized
even if power supply voltage was set to 0.9 V is possible.
1.
LCD Driver Port
Note: When “1” is set at DISP OFF bit, common output becomes VEE level and all displays are turned off.
Different from the situation in which all segment data is set to “0” at display status, the contrast slightly
becomes bad. If extinguished status by DISP OFF bit is not favorable, set “0” to DISP OFF bit and all
segment data, or set “1” to LCD bit and output “L” level at output port.
Note: Segment data controls lighting/putting out lights of the segment corresponding to a common output and a
segment output.
Note: At the time of clock stop mode and about 100 ms after system reset, all the common output and segment
output are fixed at “L” level.
Buffer capacity bit of output port (OT)
Note: It is available only when output port is set. When
LCD is output, low buffer output is available.
Y1
Y2
Y4
Y8
S19
S20
S21
S22
7
Segment /IO select
Y1
Y2
Y4
Y8
S15
S16
S17
S18
6
Segment /IO select
COM1 COM2 COM3 COM4
5
S22
COM1 COM2 COM3 COM4
F
S16
Change for segment and I/O port
0: I/O port
1: Segment output
LCD display off control bit
0: All LCD display illuminated
1: All LCD display extinguished
LCD off control bit
0: LCD output setting
1: Output port setting
F
DISP
OFF
LCD
OFF
OTB
-UP
*
Y1
Y2
Y4
Y8
φL2D
SEL1
SEL2
SEL4
SEL8
Data select
Y1
Y2
Y4
Y8
2
S3
Y1
Y2
Y4
Y8
1
S2
Segment-1 data
Y1
Y2
Y4
Y8
φL2E
COM1 COM2 COM3 COM4
0
S1
Y1
Y2
Y4
Y8
2
S19
Y1
Y2
Y4
Y8
1
S18
Segment-2 data
Y1
Y2
Y4
Y8
φL2F
COM1 COM2 COM3 COM4
0
S17
Segment data
0: Illuminated
1: Extinguished
0: Low output buffer
1: High output buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com