Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9328AF Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 58Page - Toshiba Semiconductor TC9328AF Datasheet HTML 59Page - Toshiba Semiconductor TC9328AF Datasheet HTML 60Page - Toshiba Semiconductor TC9328AF Datasheet HTML 61Page - Toshiba Semiconductor TC9328AF Datasheet HTML 62Page - Toshiba Semiconductor TC9328AF Datasheet HTML 63Page - Toshiba Semiconductor TC9328AF Datasheet HTML 64Page - Toshiba Semiconductor TC9328AF Datasheet HTML 65Page - Toshiba Semiconductor TC9328AF Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
TC9328AF
2004-09-13
62
10-Hz intermittent output with 1 Hz intervals mode (mode D), if buzzer enable bit is set “1”, 50-ms
buzzer output and 50-ms buzzer pause will carry out 500-ms output, after that 500-ms pause output of
50-ms buzzer output and the 50-ms buzzer pause is carried out again, and this operation is repeated. A set
of “0” stops a buzzer output. At mode B, C, and D, a buzzer is in an output state, even if it sets “0” to buzzer
enable bit and it makes it stop, the buzzer of 50 ms is outputted and stops. In addition, a buzzer output
state can be judged according to the contents of a timer port. The timer port 10-Hz bit is “0”, buzzer is an
output state and it is in a pause state at the time of “1”.
The control of buzzer is accessed by the OUT 1 instruction for which [CN = AH, BH] has been specified in
the operand.
2.
Buzzer Circuit Configuration
3.
Buzzer Output Timing
Note: When making a buzzer output, it sets up an output state about P4-0 (set “1” to I/O control port)
BUZR (P4-0)
10 Hz
1 Hz
0.625 kHz~3 kHz
BF0~BF2
BM0~BM2
36
BEN
Buzzer output circuit
Multiplexer
Data set to BEN bit
Buzzer frequency
10 Hz
“1”
Buzzer output (mode B)
“0”
Buzzer output (mode A)
Buzzer output (mode C)
During a buzzer output, If “1” is set to BEN bit again, 50 ms extension will be
carried out.
Buzzer output (mode D)
50 ms
Period of buzzer frequency
output
50 ms
Period of non-output
Period of non-output
The output state in mode C
Period of output
“1”
500 ms
500 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com