Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9328AF Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 15Page - Toshiba Semiconductor TC9328AF Datasheet HTML 16Page - Toshiba Semiconductor TC9328AF Datasheet HTML 17Page - Toshiba Semiconductor TC9328AF Datasheet HTML 18Page - Toshiba Semiconductor TC9328AF Datasheet HTML 19Page - Toshiba Semiconductor TC9328AF Datasheet HTML 20Page - Toshiba Semiconductor TC9328AF Datasheet HTML 21Page - Toshiba Semiconductor TC9328AF Datasheet HTML 22Page - Toshiba Semiconductor TC9328AF Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
TC9328AF
2004-09-13
19
Machine Language (16 bits)
Instruc
-tion
Group
Mnemonic
Skip
Function
Function Description
Operation Description
IC
(6 bits)
A
(2 bits)
B
(4 bits)
C
(4 bits)
LD
r, M*
Load memory to
general register
r
← (M*)
0101
DR*
(4 bits)
DC
RN
ST
M*, r
Store memory to
general register
M*
← (r)
0110
DR*
(4 bits)
DC
RN
MVSR
M1, M2
Move memory to
memory in same row
(DR, DC1)
← (DR, DC2)
001111
DR
DC1
DC2
MVIM
M, I
Move immediate data
to memory
M
← I
000111
DR
DC
I
MVGD r, M
Move memory to
destination memory
referring to G-register
and general register
[(G), (r)]
← (M)
011110
DR
DC
RN
MVGS
M, r
Move source
memory referring to
G-register and
general register to
memory
(Note)
(M)
← [(G), (r)]
011111
DR
DC
RN
STIG
I*
Move immediate data
to G-register
G
← I*
111111
I*
0010
IN1
M, C
Input IN1 port data to
memory
M
← [IN1] C
111000
DR
DC
CN
OUT1
M, C
Output contents of
memory to OUT1
port
[OUT1] C
← (M)
111011
DR
DC
CN
IN2
M, C
Input IN2 port data to
memory
M
← [IN2] C
111001
DR
DC
CN
OUT2
M, C
Output contents of
memory to OUT2
port
[OUT2] C
← (M)
111100
DR
DC
CN
IN3
M, C
Input IN3 port data to
memory
M
← [IN3] C
111010
DR
DC
CN
OUT3
M, C
Output contents of
memory to OUT3
port
[OUT3] C
← (M)
111101
DR
DC
CN
ORR
r, M
Logical OR of
general register and
memory
r
← (r) ∨ (M)
001100
DR
DC
RN
ANDR
r, M
Logical AND of
general register and
memory
r
← (r) ∧ (M)
001101
DR
DC
RN
ORIM
M, I
Logical OR of
memory and
immediate data
M
← (M) ∨ I
000100
DR
DC
I
ANIM
M, I
Logical AND of
memory and
immediate data
M
← (M) ∧ I
000101
DR
DC
I
XORIM M, I
Logical exclusive OR
of memory and
immediate data
M
← (M) ∀ I
000110
DR
DC
I
XORR
r, M
Logical exclusive OR
of general register
and memory
r
← (r) ∀ (M)
001110
DR
DC
RN
Note: The execution period for the MVGS instruction is two machine cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com