Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9328AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor TC9328AF Datasheet HTML 10Page - Toshiba Semiconductor TC9328AF Datasheet HTML 11Page - Toshiba Semiconductor TC9328AF Datasheet HTML 12Page - Toshiba Semiconductor TC9328AF Datasheet HTML 13Page - Toshiba Semiconductor TC9328AF Datasheet HTML 14Page - Toshiba Semiconductor TC9328AF Datasheet HTML 15Page - Toshiba Semiconductor TC9328AF Datasheet HTML 16Page - Toshiba Semiconductor TC9328AF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
TC9328AF
2004-09-13
13
3.
ALU
ALU is equipped with binary 4-bit parallel add/subtract functions, logical operation, comparison and
multiple bit judgment functions. This CPU is not equipped with an accumulator, and all operations are
handled directly within the data memory.
4.
Program Memory (ROM)
The program memory consists of 16 bits × 16384 steps and is used for storing programs. The usable
address range consists of 16384 steps between address 0000H and 1FFFH.
The program memory divids 16384 into 8 separate steps and consists of page 0 to 7. The JUMP
instruction can be freely used throughout all 16384 steps though the Call instruction can use the address
from 0000H to 0fffH from page 0 to 3.
In case of setting DAL bit, arranged on I/O map, “0” (DAL ADDR3, (r) command), the program memory
address 0000H to 03FFH, page 0, are used as data area and setting DAL bit “1” (DAL (DA) command), the
program memory address 0000H to 0FFFH (page 0 to 3) are used as data area. The 16-bit content of this
can be loaded into the data register by executing the DAL instruction.
Note: Set the address for data area of program memory outside of the program loop.
*1:
DAL bit
= DAL access area at setting “0”
*2:
DAL bit
= DAL access area at setting “1”
Note: DAL bit is arranged on I/O map.
0000H
Page 0
(1 k step)
0400H
Page 1
0800H
Page 2
0C00H
Page 3
1000H
Page 4
1400H
Page 5
1800H
Page 6
1C00H
1FFFH
Page 7
0000H
JUMP address at initialization
0001H
INTR1
0002H
INTR2
0003H
Serial interface
0004H
8-bit timer
ROM
16 bits
The vector address at an interruption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com