Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9328AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC9328AF Datasheet HTML 1Page - Toshiba Semiconductor TC9328AF Datasheet HTML 2Page - Toshiba Semiconductor TC9328AF Datasheet HTML 3Page - Toshiba Semiconductor TC9328AF Datasheet HTML 4Page - Toshiba Semiconductor TC9328AF Datasheet HTML 5Page - Toshiba Semiconductor TC9328AF Datasheet HTML 6Page - Toshiba Semiconductor TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
TC9328AF
2004-09-13
2
Pin Assignment
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P5-3 (ADin4)
P6-0
P6-1
P6-2
P6-3
P7-0
P7-1
P7-2
P7-3
RESET
XOUT
XIN
GND
VDB
C1
C2
VEE
C3
C4
VLCD
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
MUTE
P4-3 (SCK)
P4-2 (SO)
P4-1 (SI)
P4-0 (BUZR) (Buzzer output)
P2-3 (PSC) (Prescaller PSC output)
P2-2
P2-1
P2-0
VDD
P1-3
P1-2
P1-1
P1-0
P9-3 (S22)
P9-2 (S21)
P9-1 (S20)
P9-0 (S19)
P8-3 (S18)
P8-2 (S17)
LCD driver (1/4 duty, 1/2 bias: 88 segments max)
SVFP80
(0.5 mm pitch)
TOP-VIEW
A/D converter (4-channel)
PLL
Oscillation circuit
Doubler circuit
N-channel open drain I/O (8)
I/O ports (CMOS:12)
SIO
N-channel open drain I/O (16)
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
Interrupt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com