Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEH Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL70001SEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEH Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL70001SEH Datasheet HTML 4Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 5Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 6Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 8 of 23
Feb 5, 2024
21
FB
This pin is the voltage feedback input to the internal error amplifier. Connect a resistor from FB to VOUT and
from FB to AGND to adjust the output voltage in accordance with Equation 2:
Where:
VOUT = Output voltage
VREF = Reference voltage (0.6V typical)
RT = Top divider resistor (Must be 1kΩ)
RB = Bottom divider resistor
The top divider resistor must be 1kΩ to mitigate SEE. Connect a 4.7nF ceramic capacitor across RT to mitigate
SEE and to improve stability margins.
22
EN
This pin is the enable input to the IC. This is a comparator type input with a rising threshold of 0.6V and
programmable hysteresis. Driving this pin above 0.6V enables the IC. Bypass this pin to AGND with a 10nF
ceramic capacitor to mitigate SEE.
23
PORSEL
This pin is the input for selecting the rising and falling POR (Power-On-Reset) thresholds. For a nominal 5V
supply, connect this pin to DVDD. For a nominal 3.3V supply, connect this pin to DGND. For nominal supply
voltages between 5V and 3.3V, connect this pin to DGND.
Heatsink
The heatsink is electrically isolated and should be connected to a thermal chassis of any potential which offers
optimal thermal relief.
PIN NUMBER
PIN NAME
DESCRIPTION
VOUT
VREF 1RT RB

+

=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com