Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEH Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL70001SEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEH Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL70001SEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 13Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 14Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 15Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 12 of 23
Feb 5, 2024
Functional Description
The ISL70001SEH, ISL70001SRH are monolithic, fixed
frequency, current-mode synchronous buck regulators with user
configurable power blocks. Two devices can be used to provide a
total DC/DC solution for FPGAs, CPLDs, DSPs and CPUs.
The ISL70001SEH, ISL70001SRH utilize peak current-mode
control with integrated compensation and switches at a fixed
frequency of 1MHz. Two devices can be synchronized 180°
out-of-phase to reduce input RMS ripple current. These attributes
reduce the number and size of external components required,
while providing excellent output transient response. The internal
synchronous power switches are optimized for high efficiency
and good thermal performance.
The chip features a comparator type enable input that provides
flexibility. It can be used for simple digital on/off control or,
alternately, can provide undervoltage lockout capability by using
two external resistors to precisely sense the level of an external
supply voltage. A power-good signal indicates when the output
voltage is within ±11% typical of the nominal output voltage.
Regulator start-up is controlled by an analog soft-start circuit,
which can be adjusted from approximately 2ms to 200ms by
using an external capacitor.
The ISL70001SEH, ISL70001SRH incorporate fault protection for
the regulator. The protection circuits include input undervoltage,
output undervoltage, and output overcurrent.
Power Blocks
The power output stage of the regulator consists of six 1A
capable power blocks that are paralleled to provide full 6A
output current capability. The block diagram in Figure 6 shows a
top level view of the individual power blocks.
Each power block has a power supply input pin, PVINx, a phase
output pin, LXx, and a power supply ground pin, PGNDx. All PVINx
pins must be connected to a common power supply rail and all
PGNDx pins must be connected to a common ground. LXx pins
should be connected to the output inductor based on the
required load current, but must include the LX4 pin. For example,
if 3A of output current is needed, any three LXx pins can be
connected to the inductor as long as one of them is the LX4 pin.
The unused LXx pins should be left unconnected. Connecting all
six LXx pins to the output inductor provides a maximum 6A of
output current. See the Typical Application Schematics for pin
connection guidance.
A scaled pilot device associated with each power block provides
current feedback. Power block 4 contains the master pilot device
and this is why it must be connected to the output inductor.
Main Control Loop
During normal operation, the internal top power switch is turned
on at the beginning of each clock cycle. Current in the output
inductor ramps up until the current comparator trips and turns
off the top power MOSFET. The bottom power MOSFET turns on
and the inductor current ramps down for the rest of the cycle.
The current comparator compares the output current at the
ripple current peak to a current pilot. The error amplifier monitors
VOUT and compares it with an internal reference voltage. The
output voltage of the error amplifier drives a proportional current
to the pilot. If VOUT is low, the current level of the pilot is
increased and the trip off current level of the output is increased.
The increased output current raises VOUT until it is in agreement
with the reference voltage.
Output Voltage Selection
The output voltage can be adjusted using an external resistor
divider as shown in Figure 7.
RT should be selected as 1kΩto mitigate SEE. RT should be
shunted by a 4.7nF ceramic capacitor, CC, to mitigate SEE and to
improve loop stability margins. The REF pin should be bypassed
to AGND with a 220nF ceramic capacitor to mitigate SEE. It
should be noted that no current (sourcing or sinking) is available
from the REF pin. RB can be determined from Equation 3. The
designer can configure the output voltage from 0.8V to 85% of
the input voltage.
Switching Frequency/Synchronization
The ISL70001SEH, ISL70001SRH feature an internal oscillator
running at a fixed frequency of 1MHz ±15% over recommended
operating conditions. The regulator can be configured to run from
the internal oscillator or can be synchronized to another
ISL70001SEH or an SEE hardened external clock with a
frequency range of 1MHz ±20%.
To run the regulator from the internal oscillator, connect the M/S
pin to DVDD. In this case, the output of the internal oscillator
appears on the SYNC pin. To synchronize the regulator to the
SYNC output of another regulator or a SEE hardened external
POWER BLOCK 6
PGND6
POWER BLOCK 5
POWER BLOCK 4
POWER BLOCK 1
POWER BLOCK 2
POWER BLOCK 3
PVIN6
PGND5
PVIN5
PGND4
PVIN4
PGND1
PVIN1
PGND2
PVIN2
PGND3
PVIN3
FIGURE 6. POWER BLOCK DIAGRAM
LX2
LX1
LX3
LX6
LX5
LX4
FIGURE 7. OUTPUT VOLTAGE SELECTION
FB
COUT
LOUT
VOUT
LXx
RT
RB
VREF
ERROR
AMPLIFIER
REF
CREF
-
+
CC
VREF = 0.6V
CREF = 220nF
RT = 1k
CC = 4.7nF
RB
RT
VREF
VOUT VREF
–
-------------------------------------
=
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com