Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEH Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL70001SEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEH Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL70001SEH Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 17Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 18Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 19Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 20Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 21Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 22Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 23Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 21 of 23
Feb 5, 2024
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
Feb 5, 2024
3.03
Applied Not Recommended for New Design stamp.
Updated the ordering Information table.
Sep 16, 2022
3.02
Updated the following specifications:
Upper Device rDS(ON)
-Changed min from 122 to 125mΩ
-Changed typ from 215 to 162mΩ
-Changed max from 346 to 210mΩ
-Added two more rows for different temperatures.
Lower Device rDS(ON)
-Changed min from 77 to 82mΩ
-Changed typ from 146 to 115mΩ
-Changed max from 236 to 145mΩ
-Added two more rows for different temperatures.
Apr 15, 2021
3.01
Updated Radiation acceptance features bullets.
Updated Ordering information table by adding standard notes and Rad Assurance testing values.
Updated Switching Frequency/Synchronization section.
Removed About Intersil section.
Feb 22, 2016
3.00
Added text after 2nd paragraph on page 1.
Clarified the package vs die pad name (AGND vs PGND) differences and how to use them in the Pin
Assignments section.
Updated Ordering Information by removing the ISL70001ASEH evaluation board.
Feb 24, 2014
2.00
Added Note 13 on page 11.
Added Note 14 on page 11.
Removed MSL note from the ordering information on page 2 as it is not applicable to hermetic packages.
Added Note 2 for ordering information table on page 6.
Added ISL70001SRH throughout datasheet.
page 6: Added ISL70001SRHQF and ISL70001SRHVX to the ordering information table.
May 20, 2013
1.00
Added heat sink mounting guidelines on page 18.
Added “Weight Characteristics” on page 18.
Added label “Origin” to Metallization Mask Layout on page 19.
page 6, ordering information table: Removed the word “(HEATSINK)” under the first column, and added to
rows 2 & 6 in the fourth column “48 ld CQFP with Heatsink”.
page 9, thermal information table: Changed note 6, from removed exposed metal pad to exposed metal
Heatsink.
Updated ordering information table on page 6 as follow: Added ISL7000SRHVF. Added “Heatsink” to help
distinguish between the two package types. Thermal Resistance on page 9 as follow: changed note 3 from
“low” to “high” effective” thermal conductivity test board type and added note 4 “direct attach”.
Page 2: Added ISL70001SEHVFE, ISL70001SEHFE/PROTO parts to ordering information table and added
Package DWG# column to table.
Added POD: R48.A and R48.
Nov 30, 2011
0.00
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com