Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEH Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL70001SEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEH Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL70001SEH Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 13Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 14Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 15Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 17Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 18Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 19Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 16 of 23
Feb 5, 2024
response, the output voltage initially deviates by an amount
shown in Equation 11.
The filter capacitors selected must have sufficiently low ESL and
ESR, such that the total output voltage deviation is less than the
maximum allowable ripple.
Most capacitor solutions rely on a mixture of high frequency
capacitors with relatively low capacitance in combination with
bulk capacitors having high capacitance but larger ESR.
Minimizing the ESL of the high-frequency capacitors allows them
to support the output voltage as the current increases.
Minimizing the ESR of the bulk capacitors allows them to supply
the increased current with less output voltage deviation.
Ceramic capacitors with X7R dielectric are recommended.
Alternately, a combination of low ESR solid tantalum capacitors
and ceramic capacitors with X7R dielectric may be used.
The ESR of the bulk capacitors is responsible for most of the
output voltage ripple. As the bulk capacitors sink and source the
inductor AC ripple current, a voltage, VP-P(MAX), develops across
the bulk capacitor according to Equation 12.
Another consideration in selecting the output capacitors is loop
stability. The total output capacitance sets the dominant pole of
the PWM. Because the ISL70001SEH, ISL70001SRH use
integrated compensation techniques, it is necessary to restrict
the output capacitance in order to optimize loop stability. The
recommended load capacitance can be estimated using
Equation 13.
Another stability requirement on the selection of the output
capacitor is that the ‘ESR zero’ (fZESR) be placed at 60kHz to
90kHz. This range is set by an internal, single compensation zero
at 8.6kHz. This ESR zero location contributes to increased phase
margin of the control loop; therefore (Equation 14):
In conclusion, the output capacitors must meet three criteria:
1. They must have sufficient bulk capacitance to sustain the
output voltage during a load transient while the output
inductor current is slewing to the value of the load transient.
2. The ESR must be sufficiently low to meet the desired output
voltage ripple due to the output inductor current.
3. The ESR zero should be placed, in a rather large range, to
provide additional phase margin.
OUTPUT INDUCTOR SELECTION
Once the output capacitors are selected, the maximum allowable
ripple voltage, VP-P(MAX), determines the lower limit on the
inductance as shown in Equation 15.
Since the output capacitors are supplying a decreasing portion of
the load current while the regulator recovers from the transient,
the capacitor voltage becomes slightly depleted. The output
inductor must be capable of assuming the entire load current
before the output voltage decreases more than
VMAX. This
places an upper limit on inductance.
Equation 16 gives the upper limit on output inductance for the
case when the trailing edge of the current transient causes a
greater output voltage deviation than the leading edge.
Equation 17 addresses the leading edge. Normally, the trailing
edge dictates the inductance selection because duty cycles are
usually <50%. Nevertheless, both inequalities should be
evaluated, and inductance should be governed based on the
lower of the two results. In each equation, LOUT is the output
inductance, COUT is the total output capacitance, and IL(P-P) is
the peak-to-peak ripple current in the output inductor.
The other concern when selecting an output inductor is to ensure
there is adequate slope compensation when the regulator is
operated above 50% duty cycle. Since the internal slope
compensation is fixed, output inductance should satisfy
Equation 18 to ensure this requirement is met.
Input Capacitor Selection
Input capacitors are responsible for sourcing the AC component
of the input current flowing into the switching power devices.
Their RMS current capacity must be sufficient to handle the AC
component of the current drawn by the switching power devices,
which is related to duty cycle. The maximum RMS current
required by the regulator is closely approximated by Equation 19.
The important parameters to consider when selecting an input
capacitor are the voltage rating and the RMS ripple current
rating. For reliable operation, select capacitors with voltage
ratings at least 1.5x greater than the maximum input voltage.
The capacitor RMS ripple current rating should be higher than
the largest RMS ripple current required by the circuit.
Ceramic capacitors with X7R dielectric are recommended.
Alternately, a combination of low ESR solid tantalum capacitors
and ceramic capacitors with X7R dielectric may be used. The
ISL70001SEH, ISL70001SRH require a minimum effective input
capacitance of 100µF for stable operation.
V
MAX
ESL
di
dt
-----
ESR
I
STEP

+
(EQ. 11)
VP-P(MAX)
ESR
VIN VOUT
–
V
OUT
LOUT fs
VIN
-----------------------------------------------------
=
(EQ. 12)
COUT
75
F Number of LXx Pins Connected
1.8V
VOUT
----------------
=
(EQ. 13)
ESR
1
2
 f
ZESR
 C
OUT

---------------------------------------------------
=
(EQ. 14)
LOUT ESR
VIN VOUT
–
V
OUT
fs VIN
VP-P(MAX)
------------------------------------------------------
(EQ. 15)
LOUT
2COUT VOUT

I
STEP
2
--------------------------------------------
V
MAX
I
L(P-P) ESR

–
(EQ. 16)
LOUT
2COUT
I
STEP
2
-----------------------------
V
MAX
I
L(P-P) ESR

–
VIN VOUT
–


(EQ. 17)
LOUT
4.32
H
Number of LXx Pins Connected
------------------------------------------------------------------------------------------------
(EQ. 18)
IRMS MAX

VOUT
VIN
-----------------
IOUT MAX

2
1
12
------
VIN VOUT
–
LOUT fs
----------------------------------
VOUT
VIN
-----------------


 2
+



=
(EQ. 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com