Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEH Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL70001SEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEH Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL70001SEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 13Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 14Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 11 of 23
Feb 5, 2024
Soft-Start Source Current
SS = GND
20
23
27
µA
Soft-Start Discharge ON-Resistance
2.2
4.7
Ω
Soft-Start Discharge Time
256
Clock Cycles
POWER-GOOD SIGNAL
Rising Threshold
VFB as a % of VREF, Test mode
107
111
115
%
Rising Hysteresis
VFB as a % of VREF, Test mode
2
3.5
5
%
Falling Threshold
VFB as a % of VREF, Test mode
85
89
93
%
Falling Hysteresis
VFB as a % of VREF, Test mode
2
3.5
5
%
Power-Good Drive
VIN = 3V, PGOOD = 0.4V, EN = GND
7.3
8.2
mA
Power-Good Leakage
VIN = PGOOD = 5.5V
0.001
1
µA
PROTECTION FEATURES
Undervoltage Monitor
Undervoltage Trip Threshold
VIN = 3V, VFB as a % of VREF, Test mode
71
75
79
%
Undervoltage Recovery Threshold
VIN = 3V, VFB as a % of VREF, Test mode
84
88
92
%
Overcurrent Monitor
Overcurrent Trip Level
LX4 power block, Test mode, (Note 19)
1.3
1.9
2.5
A
Overcurrent or Short-Circuit Duty-Cycle
VIN = 3V, SS interval = 200µs, Test mode, fault
interval divided by hiccup interval
0.8
5
%
NOTES:
13. L = 1µH connected to Lx
14. 1kΩ PGOOD pull-up resistor is not populated.
15. Typical values shown are not guaranteed. Guaranteed min/max values are provided in the SMD.
16. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
17. Limits do not include tolerance of external feedback resistors. The 0A to 6A output current range may be reduced by Minimum LXx On Time and
Minimum LXx Off Time specifications.
18. Limits established by characterization or analysis and are not production tested.
19. During an output short-circuit, peak current through the power block(s) can continue to build beyond the overcurrent trip level by up to 3A. With all
six power blocks connected, peak current through the power blocks and output inductor could reach (6 x 2.5A) + 3A = 18A. The output inductor must
support this peak current without saturating.
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1kΩ resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 15). Boldface limits apply across the operating temperature range, -55°C to +125°C; over a total
iodizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low
dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 16)TYP
MAX
(Note 16)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com