Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEH Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL70001SEH
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEH Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL70001SEH Datasheet HTML 6Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 7Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 8Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 13Page - Renesas Technology Corp ISL70001SEH Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 10 of 23
Feb 5, 2024
Minimum LXx Off Time
VIN = 5.5V, Test mode
40
100
ns
Minimum LXx On Time
VIN = 3V, Test mode
150
210
ns
Minimum LXx Off Time
VIN = 3V, Test mode
50
100
ns
Master/Slave (M/S) Input Voltage
Input high threshold
VIN - 0.5
1.3
V
Input low threshold
1.2
0.5
V
Master/Slave (M/S) Input Leakage Current VIN = 5.5V, M/S = GND or VIN
-1
0
1
µA
Synchronization (SYNC) Input Voltage
Input high threshold, M/S = GND
2.3
1.7
V
Input low threshold, M/S = GND
1.5
1
V
Synchronization (SYNC) Input Leakage
Current
VIN = 5.5V, M/S = GND, SYNC = GND or VIN
-1
0
1
µA
Synchronization (SYNC) Output Voltage
VIN - VOH at IOH = -1mA
0.15
0.40
V
VOL at IOL = 1mA
0.15
0.40
V
POWER BLOCKS
Upper Device rDS(ON)
VIN = 3V, 0.4A per power block, test mode TA = 25C
180
223
281
mΩ
VIN = 3V, 0.4A per power block, test mode TA = 125C
225
303
395
mΩ
VIN = 3V, 0.4A per power block, test mode TA = -55C
125
162
210
mΩ
Lower Device rDS(ON)
VIN = 3V, 0.4A per power block, test mode TA = 25C
120
160
195
mΩ
VIN = 3V, 0.4A per power block, test mode TA = 125C
165
230
275
mΩ
VIN = 3V, 0.4A per power block, test mode TA = -55C
82
115
145
mΩ
LXx Output Leakage
VIN = 5.5V, EN = LXx = GND, single LXx output
-1
0µA
VIN = 5.5V, EN = GND, LXx = VIN, single LXx output
0
15
µA
Dead time
Within a single power block or between power
blocks (Note 18)
1.7
5ns
Efficiency
VIN = 3.3V, VOUT = 1.8V, IOUT = 3A
90
%
VIN = 5V, VOUT = 2.5V, IOUT = 3A
92
%
POWER-ON RESET
POR Select (PORSEL)
Input high threshold
VIN - 0.5
1.4
V
Input low threshold
1.2
0.5
V
POR Select (PORSEL) Input Leakage
Current
VIN = 5.5V, PORSEL = GND or VIN
-1
0
1
µA
VIN POR
Rising threshold, PORSEL = VIN
4.10
4.25
4.45
V
Hysteresis, PORSEL = VIN
225
325
425
mV
Rising threshold, PORSEL = GND
2.65
2.80
2.95
V
Hysteresis, PORSEL = GND
90
175
260
mV
Enable (EN) Input Voltage
Rising/falling threshold
0.56
0.60
0.64
V
Enable (EN) Input Leakage Current
VIN = 5.5V, EN = GND or VIN
-3
0
3
µA
Enable (EN) Sink Current
EN = 0.3V
6.4
11.0
16.6
µA
SOFT-START
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1kΩ resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 15). Boldface limits apply across the operating temperature range, -55°C to +125°C; over a total
iodizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low
dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 16)TYP
MAX
(Note 16)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com