Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W684PC Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # ECWFD2W684PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684PC Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button ECWFD2W684PC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 16Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 17Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 18Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Matters to Be Observed When Using This Product
■ When the capacitor is mounted on a multilayer board or has copper leads, the internal temperature of the capacitor
readily increases because of the high heat conductivity of the copper leads, and therefore the capacitor temperature
may rise above the mounting heat-resistant temperature. In such a case, contact us for some advice.
■ Excessive heat stress that is applied to the capacitor during
the mounting process causes the dielectric film to thermally
shrink, which may make the connection of the metal-sprayed
part unstable. Current flowing through the capacitor in this
state may reduce its capacitance and put it in open mode.
When the capacitor is laid down on its side on the board,
solder the capacitor so that a thermocouple inserted
between the capacitor and the board shows 125 ℃ or lower.
■ When using a chip-type capacitor, measure the temperature profile of the mounted capacitor by the following method
so that the capacitor is soldered at a temperature equal to or lower than the heat-resistant temperature.
<Creating a measurement sample>
Bond a thermocouple (ø 0.1 T) to the upper surface of the capacitor with an adhesive.
<Measuring a temperature profile>
As shown in the following diagram, connect the same type of thermocouple (3 m to 4 m) as the thermocouple
bonded to the capacitor, to the measuring device.
Mount the sample capacitor on the board, subject the capacitor to the soldering process, and measure the
temperature profile of the capacitor.
■ When using a lead-type capacitor with a low mounting heat-resistant temperature, measure the temperature profile
of the mounted capacitor by the following method so that the capacitor is soldered at a temperature equal to or lower
than the heat-resistant temperature.
<Creating a measurement sample>
Drill a hole of 0.3 mm to 0.8 mm in diameter on the top of the capacitor, the hole being deep enough to reach
the central part of the capacitor, and insert a thermocouple (ø 0.1 T) in the hole, affix the thermocouple with
an adhesive.
<Measuring a temperature profile>
As shown in the following diagram, connect the same type of thermocouple (3 m to 4 m) as the thermocouple
bonded to the capacitor, to the measuring device.
Mount the sample capacitor on the board, subject the capacitor to the soldering process, and measure the
temperature profile of the capacitor.
23-Apr-25
  Mounting conditions (temperature measurement)
Thermocouple (ø 0.1)
Measurement point
Capacitor
Printed circuit board
Capacitor
Adhesive
Thermocouple
Measuring device
3 m to 4 m
Capacitor
3 m to 4 m
Thermocouple
Circuit board
Measuring device
(thin wire)
ø 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com