Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W684PC Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ECWFD2W684PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684PC Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ECWFD2W684PC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 9Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 10Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Matters to Be Observed When Using This Product
■ The RMS current (effective current) varies depending on the capacitance. The following graphs show allowable RMS
currents (effective currents) of typical capacitor types by frequency/capacitance. When actually using these capacitors,
measure their voltage/current waveforms and ambient temperatures/self-temperature rise values and give us these
measurements with your inquires.
Type: ECQE(F) (Polyester)
Type: ECWF(A) (Polypropylene)
Rating: 250 V DC -> 150 Vrms (sine wave) 60 Hz
Rating: 250 V DC -> 125 Vrms (sine wave) 60 Hz
Temperature: -40 ℃ to 85 ℃ (capacitor wall temperature)
Temperature: -40 ℃ to 85 ℃ (capacitor wall temperature)
■ When the capacitor is used in a switching circuit or snubber circuit, an instantaneous flow of large pulse current
causes the capacitor to locally generate heat. As a result, the film deposit scatters off, which may decreases the
capacitance of the capacitor or put the capacitor in an open state. This local heating may trigger a smoke
generation or ignition incident.
■ A pulse current value (10000 times) can be given as the product of dV/dt (V/µs) and a capacitance (µF) that are
specified in the delivery specification sheet. dV/dt is determined by the element structure.
■ When the capacitor is used in a large-current pulse circuit, keep the pulse current value within the allowable
pulse current (Ao-p). When applying a pulse current 10000 times or more, please contact us to discuss the
matter separately.
23-Apr-25
5.0
1.0
0.5
0.0
10
100
50
4.5
4.0
3.5
3.0
2.5
2.0
1.5
10.0μF
4.7μF
2.2μF
1.0μF
0.47μF
0.22μF
0.10μF
0.047μF
0.022μF
0.010μF
100
50
Frequency (
kHz)
Frequency (
kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com