Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W684PC Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # ECWFD2W684PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684PC Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button ECWFD2W684PC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 16Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 17Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 18Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Matters to Be Observed When Using This Product
■ When the capacitor is used in an AC circuit, especially in a high-frequency circuit, the capacitor generates heat because
of the alternating current flowing therethrough. If this self-heating by the capacitor is excessive, the capacitor may
deteriorate or generate smoke or even ignite. Confirm the self-temperature rise value of the capacitor under the actual
service condition and use the capacitor at the self-temperature rise value equal to or lower than the specified
self-temperature rise value.
Measure the self-temperature rise value at room temperature in a windless condition. Refer to the delivery specification
sheet to check detailed information on the self-temperature rise value.
The specified self-temperature rise value varies depending on capacitor types. For more detailed information about
this matter, please contact us.
■ Because the working temperature range of a capacitor varies depending on dielectric materials (film types), the working
temperature range in which the capacitor can be used is specified for each capacitor type.
Note, however, that working temperature ranges listed in a catalog are surface temperatures which are different from
ambient temperatures. When using the capacitor, make sure that (ambient temperature + self-temperature rise value
(within the specified value)), that is, the surface temperature of the capacitor is within the working temperature range.
■ If the capacitor is used in a temperature condition above the working temperature range, its loss tangent (tan δ) gets
larger, inducing self-heating, which leads to exceeding the allowable value. As a result, the dielectric film deteriorates
which can cause a short circuit failure that may lead to smoke generation or ignition. When a heat dissipation plate
of a different component or resistance generating high heat is present near the capacitor, radiant heat from such an
element is applied to a part of the capacitor, in which case the temperature of the capacitor can exceed the working
temperature range and smoke generation or ignition may occur. Make sure to check the surface temperature of
elements that serve as a heat source.
■ The chip-type laminated film capacitor is mounted directly on the board without a lead interposed between the capacitor
and the board. Because of this configuration, if the thermal expansion coefficient of the capacitor and that of the board
differ widely, due to temperature change, etc., after chip mounting, it creates mechanical stress which is applied to the
capacitor. This deforms the capacitor body or cracks its soldered part, thus impairing its performance. Examine and
check the capacitor sufficiently before mounting it on the board. In particular, when using a ceramic board, please
contact us before mounting the capacitor.
<Thermal expansion coefficients of boards and chip-type laminated film capacitors>
■ Radiant heat from a heat-carrying component present near the capacitor may raise the temperature of the capacitor
above the category temperature range. Be careful in such cases. The chip-type capacitor does not have the outer
casing that the lead-type capacitor has. If an exposed part of a live component is present near the capacitor, a short
circuit may be created through the capacitor. Exercise special caution when determining the location of the capacitor.
■ If the land area of the capacitor is large, a tombstone phenomenon (chip rising) is likely to occur when the volume of
solder is not proper. Give each type of capacitor recommended land dimensions as much as possible, even though it
is disadvantageous from the viewpoint of ensuring the mounter has sufficient mount clearance.
■ In the flow soldering process, a chip component is dipped in melted solder and resulting in a high temperature of the
component. The film capacitor has low resistance to heat. Avoid soldering it using the flow soldering process.
Applying heat directly to a capacitor from the lower surface of the printed board for repair work (using a hot plate, etc.)
may result in the degradation of the capacitor. This process must also be avoided.
23-Apr-25
Resin board
Paper
phenol
Paper
epoxy
Glass
epoxy
(PPS film)
ECHU(X)/(C)
Chip-type laminated film capacitor
1
~ 25
Thermal expansion
coefficient
(×10-6/°C)
1
~ 30
1
~ 15
Type
Item
  Mounting conditions (chip-type) * Target capacitors: ECHU, ECWU, and ECPU
  Circuit design (working temperature)
  Board design
7
~ 8
Alumina
Ceramic board
70
(Plastic film)
ECPU(A)
10
(PEN film)
ECWU(X)/(C)
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com