Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W684PC Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ECWFD2W684PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684PC Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECWFD2W684PC Datasheet HTML 9Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 10Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 16Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Matters to Be Observed When Using This Product
■ When a voltage V (V) is applied to a capacitor C (farad or F), a charge quantity Q (C) is given as Q = C・V.
At this time, a charge current I (A) flowing through the capacitor is given as I = dQ/dt. It follows, therefore, that a pulse
current I (A) is given as the product of a capacitance C (µF) and a voltage variation per time dV/dt, that is, I = C
・dV/dt.
<Allowable dV/dt value of ECQE(F) to which a pulse current is applied 10000 times or less>
From the above table, which indicates that the allowable dV/dt value of ECQE4224KF (rated voltage 400 V DC,
capacitance 0.22 µF) is 37, the allowable pulse current value of ECQE4224KF is calculated at 8 Ao-p.Ensure,
however, that the RMS current value is equal to or lower than the allowable RMS current value.
23-Apr-25
275 (2.7)
335 (3.3)
395 (3.9)
6
475 (4.7)
8
565 (5.6)
685 (6.8)
185 (1.8)
10
225 (2.2)
825 (8.2)
106 (10.0)
63
334 (0.33)
394 (0.39)
18
474 (0.47)
564 (0.56)
22
22
684 (0.68)
824 (0.82)
48
105
 (1.0)
125
 (1.2)
11
155
 (1.5)
18
683 (0.068)
823 (0.082)
104 (0.10
)
124 (0.12)
37
154 (0.15)
184 (0.18)
33
224 (0.22)
274 (0.27)
103 (0.010)
48
131
273
123 (0.012)
153 (0.015)
183 (0.018)
223 (0.022)
273 (0.027)
333 (0.033)
393 (0.039)
78
473 (0.047)
563 (0.056)
116
Capacitance
(μF)
Type
ECQE(F)
ECQE(F)
ECQE(F)
ECQE(F)
100 V DC
250 V DC
400 V DC
630 V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com