Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W684PC Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWFD2W684PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684PC Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWFD2W684PC Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 5Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ECWFD series
■ Rated voltage [DC] : 450 V, Capacitance tolerance : ±5 %(J), ± 10 %(K)
*□:Capacitance tolerance code
Note) Part number marked with bold is short lead space product.
*( ):Suffix for lead crimped
Rating · Dimensions · Quantity
500
17.4
1300
1200
0.8
20.4
18.6
19.5
14.9
15.4
16.0
16.6
17.5
18.3
19.3
18.7
19.6
17.4
20.3
15.0
21.3
20.7
600
700
0.6
21.6
22.4
15.0
0.8
15.0
10.0
0.8
22.5
22.5
22.5
23.4
15.0
15.0
22.5
15.0
15.0
15.0
1.5
1.5
15.0
15.0
800
–
300
–
22.5
22.5
22.5
1.5
1.5
1.5
15.0
15.0
15.0
15.0
1.5
0.8
0.8
0.8
1.5
1.5
0.8
1300
1100
1000
900
10.0
10.0
10.0
1.5
1.5
10.0
10.0
10.0
10.0
15.0
0.6
0.6
15.0
700
800
0.6
0.8
400
–
–
0.8
0.8
1.5
10.0
7.5
1.5
1.5
15.0
22.5
7.5
–
1200
1400
1400
1500
1000
0.6
–
1.5
1000
1.5
0.6
0.6
0.6
0.6
0.6
8.5
9.3
10.1
11.1
9.0
9.8
10.7
25.3
11.2
7.7 12.4
5.8
3.9
4.7
17.5
17.5
17.5
1.8
12.6
17.5
17.5
3.3
–
4.6
4.6
4.8
5.0
5.3
5.6
6.0
7.2
9.9
10.4
6.2
12.6
12.6
17.5
17.5
12.6
17.5
17.5
25.3
12.6
600
1000
0.6
10.0
7.5
600
200
7.5
7.5
7.5
7.5
7.5
7.5
1100
10.0
7.5
0.8
0.8
15.0
7.5
15.0
7.5
7.5
7.5
ECWFD2W474Q( )
ECWFD2W474□( )
ECWFD2W564□( )
ECWFD2W684P( )
ECWFD2W684Q( )
ECWFD2W684□( )
0.68
0.15
0.18
0.27
0.33
0.47
0.56
0.39
ECWFD2W394□( )
0.22
12.6
12.6
12.6
–
1.5
0.8
14.0
14.1
14.3
14.6
15.0
15.4
15.7
14.0
14.4
10.0
18.9
18.9
7.5
7.5
7.5
15.0
15.0
12.6
7.5
7.5
10.0
7.5
Min. order Q'ty (PCS)
Dimensions (mm)
Cap.
(μF)
S
G
max.
T
max.
L
max.
ød Standard
5.0 mm
Odd size
7.5 mm
Straight
Crimped
lead
Bulk
Taping
Straight
Crimped
lead
(Suffix B)
Crimped
lead
(Suffix Q)
H max.
F
12.6
ECWFD2W275□( )
ECWFD2W225□( )
ECWFD2W155□( )
ECWFD2W125□( )
ECWFD2W105Q( )
ECWFD2W105P( )
1.2
1.5
2.2
2.7
1.0
ECWFD2W395□( )
21.4
25.3
9.0
9.4
16.2
16.2
6.5
13.3
14.3
15.4
16.4
13.7
14.6
6.7
7.8 11.0
11.6
12.5
9.2 13.9
11.7
25.3
ECWFD2W335□( )
400
0.68
0.82
1.0
ECWFD2W474P( )
15.0
14.0
14.1
14.3
14.6
15.0
15.4
15.7
16.0
16.4
16.9
17.4
18.0
10.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
06-Aug-24
Part No.
0.47
ECWFD2W105□( )
ECWFD2W185□( )
ECWFD2W475□( )
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
ECWFD2W824□( )
Crimped
lead
(Suffix B)
Crimped
lead
(Suffix Q)
12.6 4.5
ECWFD2W104□( )
ECWFD2W124□( )
0.10
0.12
ECWFD2W154□( )
ECWFD2W184□( )
ECWFD2W224□( )
ECWFD2W274□( )
ECWFD2W334□( )
13.9
13.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com