Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W684PC Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECWFD2W684PC
Description  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W684PC Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECWFD2W684PC Datasheet HTML 5Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 9Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 10Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W684PC Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Matters to Be Observed When Using This Product
■ When ECQE(F)1A /2A, ECQE(B)1A, and ECQE(T)1A /2A are used as across-the-line capacitors, they must satisfy
at least one of the following conditions.
(1) A varistor with a varistor voltage specified in the following table or lower is connected in parallel with the capacitor.
(2) No pulse voltage higher than the pulse voltage specified in the following table is applied across both ends of the
capacitor.
■ When using a varistor together with the capacitor, confirm the varistor with the delivery specification sheet and use a
varistor with no sign of surge-caused deterioration.
■ When using the capacitor in equipment requiring capacitors conforming to overseas certification standards, use
capacitors (typical types) listed in the following table. To know about CQC standards in China, make an inquiry with us.
■ Using the capacitor as a voltage dropper may result in a reduction in the capacitance. For example, when an abnormal
voltage, such as surge voltage, is applied to the capacitor, a fuse inside the capacitor is activated, which reduces its
capacitance. In a worst-case scenario, the capacitor no longer functions as a voltage dropper.
Observe the capacitor carefully to see if any abnormal voltage is applied thereto. Such abnormal voltage to the capacitor
may generate high voltage applied to the circuit load. To deal with such a problem, provide the circuit with a safety
protection means.
■ Capacitor characteristics change, depending on ambient environment conditions under which the capacitor operates.
Even when the capacitor is just left as it is, humidity in the air can infiltrate the capacitor and cause a slight change in
its capacitance. An extent to which the capacitance changes in this situation varies depending on a dielectric material,
an outer casing material, a structure, etc.
We take these characteristics changes into consideration before shipping out the capacitor. However, unless a separate
agreement is made, our guarantee for the specified capacitance value will be effective only up to the delivery date.
■ When using a capacitor in a circuit that requires precise capacitor elements, such as time constant, use
polypropylene-based capacitors with less time-dependent change, such as ECWFD, ECWF(A)、ECWF(L), ECWH(A),
PPS-based ECHU(X), and ECHU(C).
■ A product conforming to "AEC-Q200" refers to a product having passed some or all of the evaluation test items defined
in AEC-Q200. To know the detailed specifications of individual products or specific evaluation test scores, please
contact us.
We issue a delivery specification sheet for each product ordered. Please confirm with the sheet when you place
an order with us.
■ The maximum working voltage applicable to a capacitor varies, depending on the voltage waveform, current waveform,
frequency, ambient temperature (surface temperature), capacitance, etc. When using a capacitor, check the voltage
waveform and current waveform applied across both terminals of the capacitor and the operating frequency and make
sure that these are within specified values. When the frequency is high, some product types take different allowable
voltages. You can confirm detailed information about this matter on delivery specification sheets.
■ The rated voltage is the maximum voltage that can be applied continuously within the category temperature range.
Operating the capacitor with a voltage higher than the rated voltage leads to dielectric breakdown of the capacitor film,
which may cause a short-circuit failure. Service lives of capacitors operating at the maximum rated voltages vary,
depending on their types.
■ When a voltage higher than the rated voltage is applied to the capacitor, it does not cause a short circuit failure
immediately because of the self-recovery ability of the capacitor, however, a drop in the insulation resistance may occur,
which can lead to smoke generation or ignition under certain circuit conditions.
■ Do not use a noise-preventing capacitor (AC rated voltage type) in a high-frequency circuit. It may cause smoke
generation or ignition under certain service conditions. Rated voltages of capacitors for electronic equipment, except that
of a special types, are usually indicated as DC voltage.
23-Apr-25
Capacitor rated voltage
Varistor voltage
Pulse voltage
125 V.AC (1A)
250 V
250 Vo-p
250 V.AC (2A)
470 V
630 Vo-p
UL 60384-14(US), CSA E60384-14(CA), EN 60384-14(EU)
Resin case
ECQUG
 Reliability and product life
  Circuit design (working voltage)
ECQUL
Resin case
UL 60384-14(US), CSA E60384-14(CA), EN 60384-14(EU)
Shape
Type
Resin case
ECQUA
Certification standards
UL 60384-14(US), CSA E60384-14(CA), EN 60384-14(EU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com