Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10DF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJNDR10DF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10DF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJNDR10DF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 101 –
0.2
±0.1
0.2
±0.1
1.0
±0.05
0.5
±0.05
1.5 to 1.7
0.5 to 0.6
■ RF Type 1005 (0402)
● Dimensions in mm (not to scale)
● Recommended Land Pattern in mm (not to scale)
Part No.
Inductance
Q
SRF ✽
1
(MHz) min.
RDC ✽
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRF1N0 FB
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
8
100
6000
0.05
400
ELJRF1N2 FB
1.2
6000
0.06
400
ELJRF1N5 FB
1.5
6000
0.07
400
ELJRF1N8 FB
1.8
6000
0.08
400
ELJRF2N2 FB
2.2
6000
0.09
400
ELJRF2N7 FB
2.7
5500
0.10
400
ELJRF3N3 FB
3.3
5500
0.12
400
ELJRF3N9 FB
3.9
5200
0.15
360
ELJRF4N7 FB
4.7
4800
0.17
360
ELJRF5N6 FB
5.6
4600
0.19
340
ELJRF6N8 FB
6.8
J : ±5 %
4000
0.30
320
ELJRF8N2 FB
8.2
3500
0.35
320
ELJRF10N FB
10
G : ±2 %
2800
0.41
320
ELJRF12N FB
12
2800
0.45
320
ELJRF15N FB
15
2500
0.60
240
ELJRF18N FB
18
2200
0.70
240
ELJRF22N FB
22
2000
0.80
200
ELJRF27N FB
27
1800
1.20
200
ELJRF33N FB
33
1800
1.40
170
ELJRF39N FB
39
1800
1.70
150
ELJRF47N FB
47
1800
2.10
140
ELJRF56N FB
56
1500
2.50
130
ELJRF68N FB
68
1500
4.00
120
ELJRF82N FB
82
1400
4.50
110
ELJRFR10 FB
100
1200
5.50
90
Part No.
Inductance
Q
SRF ✽
1
(MHz) min.
RDC ✽
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRF2N0 FB
2.0
D : ±0.3 nH
Z : ±0.2 nH
100
8
100
6000
0.08
400
ELJRF2N4 FB
2.4
6000
0.09
400
ELJRF3N0 FB
3.0
5500
0.11
400
ELJRF3N6 FB
3.6
5300
0.14
380
ELJRF4N3 FB
4.3
5000
0.16
360
ELJRF5N1 FB
5.1
4700
0.18
350
ELJRF6N2 FB
6.2
4300
0.25
330
ELJRF7N5 FB
7.5
J : ±5 %
3700
0.33
320
ELJRF9N1 FB
9.1
3100
0.38
320
ELJRF11N FB
11
G : ±2 %
2800
0.43
320
ELJRF13N FB
13
2600
0.53
280
ELJRF16N FB
16
2300
0.65
240
ELJRF20N FB
20
2100
0.75
220
ELJRF24N FB
24
1900
1.00
200
ELJRF30N FB
30
1800
1.30
190
ELJRF36N FB
36
1800
1.60
160
ELJRF43N FB
43
1800
1.90
150
■ Standard Parts (E24 series)
■ Standard Parts (E12 series)
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
■ Standard Packing Quantity
● 10000 pcs./Reel
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com