Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10DF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJNDR10DF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10DF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJNDR10DF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 102 –
1
10
100
1000
10
100
1000
10000
10
20
30
40
50
60
70
80
10
100
1000
10000
1N0
2N2
22N
10N
47N
R10
2N2
4N7
10N
22N
47N
R10
Frequency (MHz)
Frequency (MHz)
■ Typical Characteristics
● Q-Frequency Characteristics (Typ.)
●L-Frequency Characteristics (Typ.)
Part No
Inductance (nH)(Typ.)
Q(Typ.)
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
ELJRF1N0 FB
0.95
0.95
0.96
0.96
0.97
31.8
33.8
47.2
49.6
54.0
ELJRF1N2 FB
1.23
1.24
1.24
1.25
1.25
31.0
33.0
43.4
45.6
49.7
ELJRF1N5 FB
1.51
1.51
1.53
1.53
1.54
32.9
34.9
48.6
50.9
55.4
ELJRF1N8 FB
1.85
1.85
1.87
1.88
1.90
31.1
33.1
45.9
48.1
52.1
ELJRF2N2 FB
2.11
2.12
2.15
2.16
2.19
28.3
30.1
41.6
43.6
47.2
ELJRF2N7 FB
2.63
2.63
2.68
2.70
2.73
28.0
28.7
39.6
41.4
44.7
ELJRF3N3 FB
3.27
3.28
3.35
3.37
3.42
29.9
31.7
43.7
45.7
49.2
ELJRF3N9 FB
3.73
3.74
3.82
3.85
3.91
29.7
31.5
43.4
45.4
48.8
ELJRF4N7 FB
4.77
4.78
4.92
4.96
5.07
33.9
35.9
49.0
51.1
54.6
ELJRF5N6 FB
5.70
5.70
5.80
5.90
6.20
30.0
31.0
40.0
41.0
42.8
ELJRF6N8 FB
6.91
6.93
7.21
7.29
7.51
28.9
30.7
41.3
42.7
45.0
ELJRF8N2 FB
8.31
8.33
8.73
8.86
9.19
31.0
32.9
43.9
45.3
47.4
ELJRF10N FB
10.21
10.25
10.77
10.94
11.37
29.8
31.6
42.1
43.5
45.6
ELJRF12N FB
12.3
12.3
13.1
13.3
14.0
30.8
32.6
42.9
44.1
45.4
ELJRF15N FB
15.3
15.4
16.5
16.9
17.9
28.8
30.4
39.5
40.4
41.2
ELJRF18N FB
18.4
18.6
20.2
20.8
22.3
31.1
32.8
41.6
42.1
41.7
ELJRF22N FB
23.7
23.9
27.5
28.8
32.5
31.3
32.9
39.6
39.4
37.2
ELJRF27N FB
28.3
28.5
32.8
34.4
38.8
28.4
29.9
36.0
35.8
33.7
ELJRF33N FB
34.6
35.1
43.4
46.8
57.5
28.4
29.7
33.7
32.9
29.2
ELJRF39N FB
40.8
41.4
49.9
53.2
63.3
25.6
26.9
31.1
30.5
27.5
ELJRF47N FB
49.6
50.3
62.1
66.8
81.8
22.7
23.8
26.9
26.2
23.2
ELJRF56N FB
58.4
59.1
69.9
74.1
86.2
23.8
25.0
28.9
28.3
25.6
ELJRF68N FB
71.9
72.9
90.4
97.5
119.9
22.3
23.3
25.4
24.3
20.4
ELJRF82N FB
86.6
87.8
107.8
115.7
140.6
21.9
22.9
25.5
24.6
21.3
ELJRFR10 FB
105.5
106.8
128.2
136.5
161.3
21.0
21.9
25.0
24.4
21.9
: Symbol of Tolerance
■ Reference Date
■ ELJRF Type
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com