Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10DF Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJNDR10DF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10DF Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ELJNDR10DF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 107 –
0.6
±0.2
Marking
3.2
±0.3
4.0 to 4.6
1.6 to 2.0
Part No.
Inductance
Q
SRF ✽
1
(MHz) min.
RDC ✽
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJNA47N F47
M : ±20 %
100
10
100
680
0.20
450
ELJNA56N F56
600
0.22
420
ELJNA68N F68
540
0.25
400
ELJNA82N F82
500
0.27
380
ELJNAR10 F
100
450
0.30
360
ELJNAR12 F
120
25.2
25.2
400
0.67
240
ELJNAR15 F
150
350
0.72
230
ELJNAR18 F
180
320
0.81
220
ELJNAR22 F
220
K : ±10 %
or
J : ± 5 %
1
280
0.90
210
ELJNAR27 F
270
250
1.0
200
ELJNAR33 F
330
220
1.1
190
ELJNAR39 F
390
200
1.2
180
ELJNAR47 F
470
180
1.4
175
ELJNAR56 F
560
160
1.5
170
ELJNAR68 F
680
150
1.7
155
ELJNAR82 F
820
135
1.9
145
ELJNA1R0 F
1000
J : ± 5 %
13
7.96
120
2.1
125
ELJNA1R2 F
1200
110
2.3
120
ELJNA1R5 F
1500
95
2.7
115
ELJNA1R8 F
1800
85
3.0
110
ELJNA2R2 F
2200
80
3.2
110
ELJNA2R7 F
2700
70
3.6
105
ELJNA3R3 F
3300
62
4.2
100
ELJNA3R9 F
3900
57
4.4
95
ELJNA4R7 F
4700
52
7.7
70
ELJNA5R6 F
5600
46
8.7
65
ELJNA6R8 F
6800
42
10
60
ELJNA8R2 F
8200
38
11
60
■ NA Type 3225 (1210)
● Dimensions in mm (not to scale)
● Recommended Land Pattern in mm (not to scale)
■ Standard Parts
■ Standard Packing Quantity
● 2000 pcs./Reel
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com