Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10DF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJNDR10DF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10DF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJNDR10DF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 103 –
2.0 to 2.6
0.8 to1.0
1.6
0.8
0.3
0.3
■ RE Type 1608 (0603)
● Recommended Land Pattern in mm (not to scale)
● Dimensions in mm (not to scale)
■ Standard Packing Quantity
● 3000 pcs./Reel
Part No.
Inductance
Q
SRF ✽
1
(MHz) min.
RDC ✽
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRE1N0 FA
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
7
100
6000
0.05
500
ELJRE1N2 FA
1.2
6000
0.06
500
ELJRE1N5 FA
1.5
8
6000
0.07
500
ELJRE1N8 FA
1.8
6000
0.08
500
ELJRE2N2 FA
2.2
6000
0.09
500
ELJRE2N7 FA
2.7
6000
0.10
500
ELJRE3N3 FA
3.3
9
5500
0.12
500
ELJRE3N9 FA
3.9
J : ±5 %
5500
0.15
450
ELJRE4N7 FA
4.7
4800
0.17
450
ELJRE5N6 FA
5.6
4600
0.18
430
ELJRE6N8 FA
6.8
3550
0.20
430
ELJRE8N2 FA
8.2
3500
0.28
400
ELJRE10N FA
10
G : ±2 %
10
2800
0.32
400
ELJRE12N FA
12
2800
0.35
400
ELJRE15N FA
15
2500
0.41
350
ELJRE18N FA
18
2300
0.45
350
ELJRE22N FA
22
2000
0.50
300
ELJRE27N FA
27
2000
0.55
300
ELJRE33N FA
33
1800
0.60
300
ELJRE39N FA
39
11
1800
0.80
300
ELJRE47N FA
47
1800
0.95
250
ELJRE56N FA
56
12
1800
1.20
250
ELJRE68N FA
68
1500
1.30
250
ELJRE82N FA
82
1500
1.50
250
ELJRER10 FA
100
1300
1.80
200
ELJRER12 FA
120
25.2
5
25.2
1200
3.00
130
ELJRER15 FA
150
1100
4.50
100
ELJRER18 FA
180
4
1000
6.50
80
ELJRER22 FA
220
900
7.50
70
■ Standard Parts (E12 series)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com