Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10DF Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJNDR10DF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10DF Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELJNDR10DF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 106 –
0.4
±0.2
Marking
2.5
+0.3
–0.2
3.5 to 4.0
1.4 to 1.5
Part No.
Inductance
Q
SRF ✽
1
(MHz) min.
RDC ✽
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJNC10N F10
K : ±10 %
100
10
100
2500
0.32
280
ELJNC12N F12
2200
0.34
270
ELJNC15N F15
1800
0.38
255
ELJNC18N F18
1550
0.40
250
ELJNC22N F22
15
1350
0.43
240
ELJNC27N F27
1150
0.47
230
ELJNC33N F33
K : ±10 %
or
J : ± 5 %
1000
0.51
220
ELJNC39N F39
890
0.55
215
ELJNC47N F47
770
0.59
205
ELJNC56N F56
670
0.63
200
ELJNC68N F68
590
0.68
190
ELJNC82N F82
520
0.73
185
ELJNCR10 F
100
25.2
10
25.2
460
0.80
175
ELJNCR12 F
120
400
0.87
170
ELJNCR15 F
150
340
0.98
160
ELJNCR18 F
180
300
1.05
155
ELJNCR22 F
220
260
1.15
145
ELJNCR27 F
270
230
1.25
140
ELJNCR33 F
330
200
1.37
135
ELJNCR39 F
390
180
1.47
130
ELJNCR47 F
470
160
1.58
125
ELJNCR56 F
560
145
1.70
120
ELJNCR68 F
680
130
1.85
110
ELJNCR82 F
820
100
2.10
100
■ NC Type 2520 (1008)
● Dimensions in mm (not to scale)
● Recommended Land Pattern in mm (not to scale)
■ Standard Parts
■ Standard Packing Quantity
● 2000 pcs./Reel
✽1 : Self Resonant Frequency ✽2 : DC Resistance
: Symbol of Tolerance
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com