Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10DF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJNDR10DF
Description  High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10DF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJNDR10DF Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10DF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
– 100 –
Shape
Size : mm (inch)
Product code
Inductance
Packaging Design No.
Taping
Inductance tolerance
E
L
J
R
F1
0
NJ
F
B
F
Chip Inductors
RF
RE
ND
NC
NA
1005 (0402)
1608 (0603)
2012 (0805)
2520 (1008)
3225 (1210)
1.5 nH
10 nH
220 nH
3.3
µH
1N5
10N
R22
3R3
±0.2 nH
±0.3 nH
±2%
±5%
±10 %
±20 %
Z
D
G
J
K
M
123456789
10
11
1. High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA
■ Features
● High frequency capability due to its non magnetic core.
● Capable of being Re-flow or flow soldered.
● Wide line-up from 1005 to 3225 case sizes.
● Good for mounting.
■ Recommended Applications
● RF circuitry for cellular phones and wireless communication equipment.
■ Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –20 to +85 °C
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods
Please see Page 127
■Soldering Conditions
Please see Page 128
■Safety Precautions
Please see Page 129
Sep. 2010
00
● RoHS compliant


Similar Part No. - ELJNDR10DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNDR10F PANASONIC-ELJNDR10F Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJNDR10J/KF PANASONIC-ELJNDR10J/KF Datasheet
1Mb / 15P
Chip Inductors
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJNDR10JKF PANASONIC-ELJNDR10JKF Datasheet
135Kb / 13P
Chip Inductors
More results

Similar Description - ELJNDR10DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
High Frequency Use (Non Magnetic Core)
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com