Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201X104F Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  0201X104F Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 4 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
Y5V
X5R
X6S
X7S
Size
0201, 0402, 0603, 0805, 1206, 1210, 1812
Capacitance range*
0.1pF to 0.1
µF
100pF to 47
µF
0.01
µF to
100
µF
100pF to
220
µF
0.1
µF to
100
µF
1
µF to
100
µF
Capacitance tolerance**
Cap
≤5pF#1:
A (±0.05pF), B (±0.1pF),
C (±0.25pF)
5pF<Cap<10pF:
C (±0.25pF), D (±0.5pF)
Cap
≥10pF:
F (±1%), G (±2%),
J (±5%), K (±10%)
J (±5%),
K (±10%),
M (±20%)
M (±20%),
Z (-20/+80%)
K (±10%),
M (±20%)
K (±10%),
M (±20%)
K (±10%),
M (±20%)
Rated voltage (WVDC)
10V, 16V, 25V, 50V,100V
6.3V, 10V, 16V, 25V, 50V, 100V
Operating temperature
-55 to +125°C
-25 to +85°C
-55 to +85°C -55 to +105°C -55 to +125°C
Capacitance characteristic
±30ppm
±15%
+30/-80%
±15%
±22%
±22%
Termination
Ni/Sn (lead-free termination)
#1: NP0, 0.1pF product only provide B tolerance; 0603N0R4 provide B&C tolerance; 0603N0R3 only provide C tolerance.
* Measured at the condition of 30~70% related humidity.
NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
X7R/X6S/X5R/X7S: Please refer to page 13 “Reliability test conditions and requirements” for detail.
Y5V: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 20°C ambient temperature.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour and then leave i n ambient condition for 24±2 hours
before measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com