Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201X104F Datasheet(PDF) 20 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F Datasheet(HTML) 20 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201X104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 20 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
APPENDIXES
◙ Tape & reel dimensions
Size
0201
0402
0603
0805
1206
1210
1808
1812
Thickness
L
N,E
S,H,X
A,H
B,T
D,I
B,T
C,J,D
G,P
T
C,D
G,K
M
D,F
G,K
D,F
G,K
M,U
A0
0.40
+/-0.10
0.70
+/-0.20
1.05
+/-0.30
1.50
+/-0.20
1.50
+/-0.20
< 1.80
1.90
+/-0.50
< 2.00
<2.30
< 3.05 < 3.05 < 3.05 < 3.20 < 2.50 < 2.50 < 3.90 < 3.90 < 3.90
B0
0.70
+/-0.10
1.20
+/-0.20
1.80
+/-0.30
2.30
+/-0.20
2.30
+/-0.20
< 2.70
3.50
+/-0.50
< 3.70
< 4.00
< 3.80 < 3.80 < 3.80
<4.00
< 5.30 < 5.30 < 5.30 < 5.30 < 5.30
T
≦
0.55
≦
0.80
≦
1.20
≦
1.15
≦
1.20
0.23
+/-0.1
≦
1.20
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
0.25
+/-0.1
0.25
+/-0.1
0.25
+/-0.1
0.25
+/-0.1
0.25
+/-0.1
K0
-
-
-
-
-
< 2.00
-
< 2.00
< 2.50
< 1.50 < 2.00 < 2.50 < 3.20 < 2.00 < 2.50 < 2.00 < 2.50 < 3.50
W
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
12.00
+/-0.30
P0
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
10xP0
40.00
+/-0.10
40.00
+/-0.10
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
P1
2.00
+/-0.05
2.00
+/-0.05
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
8.00
+/-0.10
8.00
+/-0.10
8.00
+/-0.10
P2
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
2.00
+/-0.10
D0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
D1
-
-
-
-
-
1.00
+/-0.10
-
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
1.50
+/-0.10
E
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
F
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
5.50
+/-0.10
5.50
+/-0.10
5.50
+/-0.10
5.50
+/-0.10
5.50
+/-0.10
Fig. 3 The dimension of plastic tape
Fig. 2 The dimension of paper tape
Fig. 4 The dimension of reel
Size
0201, 0402, 0603, 0805, 1206, 1210
1812
Reel size
7”
10”
13”
7”
C
13.0±0.5
13.0±0.5
13.0±0.5
13.0±0.5
W1
10.0±1.5
10.0±1.5
10.0±1.5
12.4+2.0/-0
A
178.0±2.0
250.0±2.0
330.0±2.0
178.0±2.0
N
60.0+1.0/-0
50 min
50 min
60.0+1.0/-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com