Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201X104F Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  0201X104F Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
1. DESCRIPTION
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization, high
density and high efficiency, ceramic condensers are used.
WTC’s MLCC is made by NP0, X7R, X6S, X5R and Y5V dielectric material and which provides product with high electrical
precision, stability and reliability.
4. HOW TO ORDER
1206
B
104
K
500
C
T
Size
Inch (mm)
0201 (0603)
0402 (1005)
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
1812 (4532)
Dielectric
N=NP0
(C0G)
B=X7R
F=Y5V
X=X5R
S=X6S
A=X7S
Capacitance
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
104=10x10
4
=100nF
Tolerance
A=±0.05pF
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Z=-20/+80%
Rated voltage
Two significant
digits followed by
no. of zeros. And
R is in place of
decimal point.
4R0=4 VDC
6R3=6.3 VDC
100=10 VDC
160=16 VDC
250=25 VDC
500=50 VDC
101=100 VDC
Termination
C=Cu/Ni/Sn
Packaging style
T=7” reeled
G=13” reeled
2. FEATURES
a.
A wide selection of sizes is available (0201 to 1812).
b.
High capacitance in given case size.
c.
Capacitor with lead-free termination (pure Tin).
3. APPLICATIONS
a.
For general digital circuit.
b.
For power supply bypass capacitors.
c.
For consumer electronics.
d.
For telecommunication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com