Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201X104F Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  0201X104F Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
5. EXTERNAL DIMENSIONS
Outline
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Soldering
Method *
MB (mm)
01R5 (0402)
0.4±0.02
0.2±0.02
0.2±0.02
V
R
0.10±0.03
0201 (0603)
0.6±0.03
0.3±0.03
0.3±0.03
L
R
0.15±0.05
0.6±0.05
#2
0.3±0.05
#2
0.3±0.05
#2
0.6±0.09
#3
0.3±0.09
#3
0.3±0.09
#3
0.15+0.1/-0.05
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
R
0.25
+0.05/-0.10
0.50+0.02/-0.05
Q
R
1.00±0.20
0.50±0.20
0.5±0.20
E
R
0603 (1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
R / W
0.40±0.15
1.60+0.15/-0.10 0.80+0.15/-0.10
0.50±0.10
H
R / W
0.80+0.15/-0.10
X
R / W
1.60±0.20
#1
0.80±0.20
#1
0.8±0.20
#1
0805 (2012)
2.00±0.15
1.25±0.10
0.50±0.10
H
R / W
0.50±0.20
0.60±0.10
A
R / W
0.80±0.10
B
R / W
1.25±0.10
D
R
2.00±0.20
1.25±0.20
0.85±0.10
T
R / W
1.25±0.20
I
R
1206 (3216)
3.20±0.15
1.60±0.15
0.80±0.10
B
R / W
0.60±0.20
(0.5±0.25)***
0.95±0.10
C
R
1.25±0.10
D
R
3.20±0.20
1.15±0.15
J
R
1.60±0.20
1.60±0.20
G
R
0.85±0.10
T
R / W
3.20+0.30/-0.1
3.30+0.30/-0.1
#5
1.60+0.30/-0.10 1.60+0.30/-0.10
P
R
1210 (3225)
3.20±0.30
2.50±0.20
0.95±0.10
C
R
0.75±0.25
0.85±0.10
T
R
1.25±0.10
D
R
3.20±0.40
2.50±0.30
1.60±0.20
G
R
2.00±0.20
K
R
2.50±0.30
M
R
3.20±0.60
#4
2.50±0.50
#4
2.50±0.50
#4
1808 (4520)
4.50±0.40
(4.5+0.5/-0.3)**
2.03±0.25
1.25±0.10
D
R
0.75±0.25
(0.5±0.25)***
1.40±0.15
F
R
1.60±0.20
G
R
2.00±0.20
K
R
1812 (4532)
4.50±0.40
(4.5+0.5/-0.3)**
3.20±0.30
1.25±0.10
D
R
0.75±0.25
(0.5±0.25)***
1.60±0.20
G
R
2.00±0.20
K
R
3.20±0.40
2.50±0.30
M
R
2.80±0.30
U
R
* R = Reflow soldering process ; W = Wave soldering process.
** For 1808/1812/1825_200V~4000V and safety certificated products.
*** For 1206_≧1000V, 1808/1812_200V~4000V and safety certificated products.
#1: For 0603/Cap≧10
µF or 0603(≦6.3V)/Cap≧4.7µFor 0603(>10V)/Cap>1µF products.
#2: For 0201/ 0.1uF < Cap < 0.68uF products, Excluding 0201X334~474(≦6.3V) & 0201X224(≦10V).
#3: For 0201/Cap≧0.68
µF products.
#4: For 1210(100V)/Cap>1
µF or 1210(250V)/Cap>0.47µF or 1210(400V~630V)/Cap>0.22µF.
#5: For 1206(100V)/Cap≧1.2
µF products.
T
W
L
MB
MB
Fig. 1 The outline of MLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com