Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201X104F Datasheet(PDF) 14 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F Datasheet(HTML) 14 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201X104F Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 14 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
No.
Item
Test Condition
Requirements
Q/ D.F.
(Dissipation
Factor)
X6S:
Rated
vol.
≦
D.F.
≦
Exception of D.F.
≧
100V ≦2.5%
≦
3%
1206≧0.47
µF
≦
5%
0603≧0.068
µF;0805>0.1µF;1206≧1µF;1210≧2.2µF
≦
10%
0805>0.22µF;1210≧3.3
µF
50V
≦
2.5%
≦
3%
0201(50V); 0603≧0.047
µF; 0805≧0.18µF;1206≧0.47µF
≦
5%
0201≧0.01uF;1210≧3.3
µF
≦
10%
0402≧0.012
µF;0603>0.1µF; 0805≧1µF;
1206≧2.2
µF;1210≧10µF
35V
≦
3.5% ≦10%
0603≧1
µF;0805≥2.2µF;1206≧2.2µF;1210≧10µF
25V
≦
3.5%
≦
5%
0201≧0.01
µF;0805≧1µF;1210≧10µF
≦
7%
0603≧0.33
µF
≦
10%
0201≧0.1
µF; 0402≧0.10µF;0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF;1210≧22µF
≦
12.5% 0402≧0.47
µF;0805=10µF
16V
≦
3.5%
≦
5%
0201≧0.01
µF;0402≧0.033µF;0603≧0.15µF;
0805≧0.68
µF;1206≧2.2µF;1210≧4.7µF
≦
10%
0201≧0.1uF; 0402≧0.22uF;
0603>0.47
µF; 0805≧2.2µF;1206≧4.7µF;1210≧22µF
≦
12.5% 0402=1
µF;0805=10µF
10V
≦
5%
≦
10%
0201≧0.012
µF;0402≧0.22µF;
0603≧0.33
µF; 0805≧2.2µF;1206≧2.2µF;1210≧22µF
≦
12.5% 0805=10
µF
≦
15%
0201≧0.1
µF; 0402≧1µF
6.3V
≦
10%
≦
15%
0201≧0.1
µF;0402≧0.47µF; 0603≧10µF;
0805≧4.7
µF;1206≧47µF; 1210≧100µF
≦
20%
0402≧2.2
µF
4V
≦
15%
---
---
X7S:
Rated
vol.
≦
D.F.
≦
Exception of D.F.
≧
100V ≦2.5%
≦
3%
1206≧0.47
µF
≦
5%
0603≧0.068
µF;0805>0.1µF;1206≧1µF;1210≧2.2µF
≦
10%
0805>0.22µF;1210≧3.3
µF
50V
≦
2.5%
≦
3%
0201(50V); 0603≧0.047
µF; 0805≧0.18µF;1206≧0.47µF
≦
5%
0201≧0.01uF; 1210≧3.3
µF
≦
10%
0402≧0.012
µF;0603>0.1µF; 0805≧1µF;
1206≧2.2
µF;1210≧10µF
35V
≦
3.5% ≦10%
0603≧1
µF;0805≥2.2µF;1206≧2.2µF;1210≧10µF
25V
≦
3.5%
≦
5%
0201≧0.01
µF;0805≧1µF;1210≧10µF
≦
7%
0603≧0.33
µF
≦
10%
0201≧0.1
µF;0402≧0.10µF;0603≧0.47µF;
0805≧2.2
µF; 1206≧4.7µF;1210≧22µF
≦
12.5% 0402≧0.47
µF
16V
≦
3.5%
≦
5%
0201≧0.01
µF;0402≧0.033µF;0603≧0.15µF;
0805≧0.68
µF;1206≧2.2µF;1210≧4.7µF
≦
10%
0201≧0.1uF; 0402≧ 0.22uF;
0603>0.47
µF;0805≧2.2µF;1206≧4.7µF; 1210≧22µF
10V
≦
5%
≦
10%
0201≧0.012
µF;0402≧0.22µF;
0603≧0.33
µF; 0805≧2.2µF;1206≧2.2µF;1210≧22µF
≦
15%
0201≧0.1
µF; 0402≧1µF
6.3V
≦
10%
≦
15%
0201≧0.1
µF;0402≧1µF;0603≧10µF;
0805≧4.7
µF; 1206≧47µF; 1210≧100µF
≦
20%
0402≧2.2
µF
4V
≦
15%
---
---
4. Dielectric
Strength
* To apply voltage (
≤100V) 250%.
* Duration: 1 to 5 sec.
* Charge and discharge current less than
50mA.
* No evidence of damage or flash over during test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com