Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201X104F Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201X104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201X104F Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201X104F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201X104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 10 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
7-4. X5R Dielectric 0201, 0402, 0603, 0805, 1206, 1210 Sizes
Dielectric
X5R
Size
0201
0402
0603
Rated Voltage (VDC)
6.3
10
16
25
50
4
6.3
10
16
25
50
4
6.3
10
16
25
50
100pF (101)
L
L
L
150pF (151)
L
L
L
220pF (221)
L
L
L
330pF (331)
L
L
L
470pF (471)
L
L
L
680pF (681)
L
L
L
820pF (821)
L
L
L
1,000pF (102)
L
L
L
L
1,500pF (152)
L
L
L
2,200pF (222)
L
L
L
2,700pF (272)
L
L
L
3,300pF (332)
L
L
L
4,700pF (472)
L
L
L
6,800pF (682)
L
L
L
0.010
µF (103) L
L
L
L
L
0.015
µF (153) L
L
N
0.022
µF (223) L
L
L
L
N
0.033
µF (333) L
L
N
N
0.047
µF (473) L
L
L
L
N
N
N
N
0.068
µF (683) L
L
N
N
N
E
0.082
µF (823) L
L
N
N
N
E
0.10
µF (104) L
L
L
L
N
N
N
N
E
0.15
µF (154)
N
N
N
N
0.22
µF (224) L
L
L*
N
N
N
N
N
X
X
X
X
0.33
µF (334) L
N
N
N
X
X
X
X
0.47
µF (474) L
N
N
N
N
E
X
X
X
X
X
0.68
µF (684)
N
N
X
X
X
X
0.82uF (824)
X
X
X
X
1.0
µF (105) L*
L*
L*
N
N
N
N
E
X
X
X
X
X
1.5
µF (155)
X
2.2
µF (225) L*
L*
N
N
E
E
X
X
X
X
X
3.3
µF (335)
X
X
4.7
µF (475)
E
E
E*
X
X
X
X
6.8uF (685)
10
µF (106)
E*
E*
E*
X
X
X
X
X*
22
µF (226)
E*
X*
X*
X*
47
µF (476)
X*
X*
Dielectric
X5R
Size
0805
1206
1210
Rated Voltage (VDC)
4
6.3
10
16
25
50
4
6.3
10
16
25
50
4
6.3
10
16
25
35
50
1.0
µF (105)
D
D
D
I
1.5
µF (155)
I
I
I
I
J
J
K
K
2.2
µF (225)
I
I
I
I
I
J
J
P
P
K
K
3.3
µF (335)
I
I
I
I
P
P
P
4.7
µF (475)
I
I
I
I
I
P
P
P
P
P
K
K
K
6.8uF (685)
P
P
10
µF (106)
I
I
I
I
I
P
P
P
P
P
K
K
K
K
M
M
22
µF (226)
I
I*
I*
I*
P
P
P
P
M
M
M
M
M
47
µF (476)
I*
I*
P
P
P*
M
M
M
M*
100
µF (107) I*
I*
P
M*
M*
M*
220
µF (227)
P*
M*
M*
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com