Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CBH6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 55Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 56Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 57Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 58Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 59Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 60Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 61Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 62Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 232 page
background image
DS12288 Rev 1
59/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
G8
10
10
14
14
H1
22
29
PA2
I/O
FT_a
-
TIM2_CH3,
TIM5_CH3,
USART2_TX,
COMP2_OUT,
TIM15_CH1,
QUADSPI1_BK1_NC
S, LPUART1_TX,
UCPD1_FRSTX,
EVENTOUT
ADC1_IN3,
COMP2_INM,
OPAMP1_VOUT,
WKUP4/LSCO
H9
-
-
15
15
D6
23
30
VSS
S
-
-
-
-
J9
-
-
16
16
D7
24
31
VDD
S
-
-
-
-
H8
11
11
17
17
H3
25
32
PA3
I/O
TT_a
-
TIM2_CH4,
TIM5_CH4,
SAI1_CK1,
USART2_RX,
TIM15_CH2,
QUADSPI1_CLK,
LPUART1_RX,
SAI1_MCLK_A,
EVENTOUT
ADC1_IN4,
COMP2_INP,
OPAMP1_VINM/
OPAMP
1_VINP,
OPAMP5_VINM
D6
12
12
18
18
H2
26
33
PA4
I/O
TT_a
-
TIM3_CH2,
SPI1_NSS,
SPI3_NSS/I2S3_WS,
USART2_CK,
SAI1_FS_B,
EVENTOUT
ADC2_IN17,
DAC1_OUT1,
COMP1_INM
F7
13
13
19
19
J1
27
34
PA5
I/O
TT_a
-
TIM2_CH1,
TIM2_ETR,
SPI1_SCK,
UCPD1_FRSTX,
EVENTOUT
ADC2_IN13,
DAC1_OUT2,
COMP2_INM,
OPAMP2_VINM
G7
14
14
20
20
J2
28
35
PA6
I/O
TT_a
-
TIM16_CH1,
TIM3_CH1,
TIM8_BKIN,
SPI1_MISO,
TIM1_BKIN,
COMP1_OUT,
QUADSPI1_BK1_IO3
, LPUART1_CTS,
EVENTOUT
ADC2_IN3,
DAC2_OUT1,
OPAMP2_VOUT
J8
15
15
21
21
K1
29
36
PA7
I/O
TT_a
-
TIM17_CH1,
TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI,
TIM1_CH1N,
COMP2_OUT,
QUADSPI1_BK1_IO2
, UCPD1_FRSTX,
EVENTOUT
ADC2_IN4,
COMP2_INP,
OPAMP1_VINP,
OPAMP2_VINP
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com