Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CBH6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 89Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 90Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 91Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 92Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 93Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 94Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 95Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 96Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 232 page
background image
Table 23. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single bank, ART disable
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Run)
Supply current
in Run mode
fHCLK = fHSE up
to 48 MHz
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
Range 2
26 MHz
3.65
3.85
4.4
5.25
6.8
4.00
4.60
6.50
8.40
13.00
mA
16 MHz
2.75
2.95
3.5
4.35
5.9
3.10
3.70
5.50
7.50
12.00
8 MHz
1.50
1.65
2.2
3.05
4.55
1.70
2.40
4.20
6.10
10.00
4 MHz
0.84
1
1.55
2.35
3.9
1.10
1.70
3.60
5.50
9.30
2 MHz
0.51
0.68
1.2
2.05
3.55
0.70
1.40
3.20
5.10
9.00
1 MHz
0.34
0.51
1.05
1.85
3.35
0.53
1.20
3.10
4.90
8.80
100 KHz
0.20
0.36 0.895
1.7
3.2
0.38
0.99
2.90
4.80
8.70
Range 1
Boost
mode
170 MHz
20.00
20.5
21.5
22.5
24.5
21.00 22.00 25.00 27.00 47.00
Range 1
150 MHz
18.00
18.5
19
20
22
19.00 16.00 19.00 21.00 26.00
120 MHz
16.50
16.5
17.5
18.5
20.5
18.00 18.00 21.00 23.00 28.00
80 MHz
13.00
13
14
15
17
14.00 15.00 17.00 19.00 24.00
72 MHz
11.50
12
12.5
13.5
15.5
13.00 13.00 16.00 18.00 23.00
64 MHz
10.50
10.5
11.5
12.5
14.5
11.00 12.00 14.00 17.00 22.00
48 MHz
7.95
8.25
9
10
12
8.30
8.90 12.00 14.00 19.00
32 MHz
6.50
6.75
7.5
8.55
10.5
8.10
8.70 11.00 13.00 19.00
24 MHz
4.95
5.2
5.9
6.95
8.8
5.10
6.00
8.50
11.00 16.00
16 MHz
3.40
3.65
4.3
5.35
7.15
3.70
4.50
7.00
9.40
15.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com