Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CBH6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 88Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 89Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 90Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 91Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 92Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 93Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 94Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 95Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 232 page
background image
IDD
(LPRun)
Supply
current in
Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
450
725
1350
2250
3800
725
1500
3700
6000
11000
µA
1 MHz
270
575
1200
2150
3650
575
1300
3500
5800
11000
250 KHz
185
460
1050
2000
3550
460
1100
3400
5700
11000
62.5 KHz
130
430
1050
2000
3500
430
1100
3400
5600
11000
SYSCLK source is HSI16
all peripherals disable
2 MHz
970
1200
1850
2750
4300
1200
2000
4200
6600
12000
1 MHz
800
1100
1700
2650
4150
1100
1900
4100
6500
11000
250 KHz
680
990
1600
2550
4050
990
1800
4100
6400
11000
62.5 KHz
695
965
1600
2500
4050
965
1700
4000
6400
11000
1. Guaranteed by characterization results, unless otherwise specified.
Table 22. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in dual bank, ART enable (Cache ON Prefetch OFF) (continued)
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com