Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CBH6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 60Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 61Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 62Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 63Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 64Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 65Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 66Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 67Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
64/232
DS12288 Rev 1
E3
29
-
38
52
F9
65
80
PC6
I/O
FT_f
-
TIM3_CH1,
HRTIM1_EEV10,
TIM8_CH1,
I2S2_MCK,
COMP6_OUT,
I2C4_SCL,
HRTIM1_CHF1,
EVENTOUT
-
D5
-
-
39
53
F10
66
81
PC7
I/O
FT_f
-
TIM3_CH2,
HRTIM1_FLT5,
TIM8_CH2,
I2S3_MCK,
COMP5_OUT,
I2C4_SDA,
HRTIM1_CHF2,
EVENTOUT
-
-
-
-
-
-
-
-
82
PG0
I/O
FT
-
TIM20_CH1N,
FMC_A10,
EVENTOUT
-
-
-
-
-
-
-
-
83
PG1
I/O
FT
-
TIM20_CH2N,
FMC_A11,
EVENTOUT
-
-
-
-
-
-
-
-
84
PG2
I/O
FT
-
TIM20_CH3N,
SPI1_SCK,
FMC_A12,
EVENTOUT
-
-
-
-
-
-
-
-
85
PG3
I/O
FT_f
-
TIM20_BKIN,
I2C4_SCL,
SPI1_MISO,
TIM20_CH4N,
FMC_A13,
EVENTOUT
-
-
-
-
-
-
-
-
86
PG4
I/O
FT_f
-
TIM20_BKIN2,
I2C4_SDA,
SPI1_MOSI,
FMC_A14,
EVENTOUT
-
C5
-
-
40
54
E8
67
87
PC8
I/O
FT_f
-
TIM3_CH3,
HRTIM1_CHE1,
TIM8_CH3,
TIM20_CH3,
COMP7_OUT,
I2C3_SCL,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com