Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CBH6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 92Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 93Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 94Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 95Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 96Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 97Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 98Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 99Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 232 page
background image
IDD
(LPRun)
Supply
current in
Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
480
665
1300
2200
3900
710
1400
3800
6000
11000
µA
1 MHz
270
485
1100
2050
3750
540
1200
3600
5900
11000
250 KHz
145
340
965
1900
3600
410
1100
3400
5700
11000
62.5 KHz
120
310
930
1850
3550
380
1100
3400
5700
11000
SYSCLK source is HSI16
all peripherals disable
2 MHz
990
1150
1750
2700
4350
1300
2000
4400
6600
11000
1 MHz
830
995
1600
2550
4200
1200
1900
4300
6500
11000
250 KHz
720
880
1500
2400
4100
1100
1700
4100
6400
11000
62.5 KHz
660
845
1450
2400
4050
1100
1700
4100
6400
11000
1. Guaranteed by characterization results, unless otherwise specified.
Table 24. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in dual bank, ART disable (continued)
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com