Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474CBH6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32G474CBH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CBH6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32G474CBH6 Datasheet HTML 69Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 70Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 71Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 72Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 73Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 74Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 75Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 76Page - STMicroelectronics STM32G474CBH6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 232 page
background image
PB0
-
-
TIM3_CH3
-
TIM8_
CH2N
-
TIM1_
CH2N
--
-
QUADSPI1_
BK1_IO1
--
HRTIM1_
FLT5
UCPD1_
FRSTX
EVENT
OUT
PB1
-
-
TIM3_CH4
-
TIM8_
CH3N
-
TIM1_
CH3N
-
COMP4_
OUT
-
QUADSPI1_
BK1_IO0
-
LPUART1_
RTS_DE
HRTIM1_
SCOUT
-
EVENT
OUT
PB2
RTC_OUT2
LPTIM1_OUT
TIM5_CH1
TIM20_CH1
I2C3_
SMBA
--
-
-
-
QUADSPI1_
BK2_IO1
--
HRTIM1_
SCIN
-
EVENT
OUT
PB3
JTDO-
TRACESWO
TIM2_CH2
TIM4_ETR
USB_CRS_
SYNC
TIM8_
CH1N
SPI1_SCK
SPI3_SCK/
I2S3_CK
USART2_
TX
-
-
TIM3_ETR
FDCAN3
_RX
HRTIM1_
SCOUT
HRTIM1_
EEV9
SAI1_
SCK_B
EVENT
OUT
PB4
JTRST
TIM16_CH1
TIM3_CH1
-
TIM8_
CH2N
SPI1_MISO
SPI3_MISO
USART2_
RX
UART5_
RTS_DE
-
TIM17_BKIN
FDCAN3
_TX
-
HRTIM1_
EEV7
SAI1_
MCLK_B
EVENT
OUT
PB5
-
TIM16_BKIN
TIM3_CH2
TIM8_CH3N
I2C1_
SMBA
SPI1_MOSI
SPI3_MOSI
/I2S3_SD
USART2_
CK
I2C3_SDA
FDCAN2
_RX
TIM17_CH1
LPTIM1_
IN1
SAI1_SD_B
HRTIM1_
EEV6
UART5_
CTS
EVENT
OUT
PB6
-
TIM16_CH1N
TIM4_CH1
-
-
TIM8_CH1
TIM8_ETR
USART1_
TX
COMP4_
OUT
FDCAN2
_TX
TIM8_BKIN2
LPTIM1_
ETR
HRTIM1_SCIN
HRTIM1_
EEV4
SAI1_FS
_B
EVENT
OUT
PB7
-
TIM17_CH1N
TIM4_CH2
I2C4_SDA
I2C1_
SDA
TIM8_BKIN
-
USART1_
RX
COMP3_
OUT
-
TIM3_CH4
LPTIM1_
IN2
FMC_NL
HRTIM1_
EEV3
UART4_
CTS
EVENT
OUT
PB8
-
TIM16_CH1
TIM4_CH3
SAI1_CK1
I2C1_
SCL
--
USART3_
RX
COMP1_
OUT
FDCAN1
_RX
TIM8_CH2
-
TIM1_BKIN
HRTIM1_
EEV8
SAI1_
MCLK_A
EVENT
OUT
PB9
-
TIM17_CH1
TIM4_CH4
SAI1_D2
I2C1_
SDA
-IR_OUT
USART3_
TX
COMP2_
OUT
FDCAN1
_TX
TIM8_CH3
-
TIM1_CH3N
HRTIM1_
EEV5
SAI1_FS
_A
EVENT
OUT
PB10
-
TIM2_CH3
-
-
-
-
-
USART3_
TX
LPUART1_
RX
-
QUADSPI1_
CLK
-
TIM1_BKIN
HRTIM1_
FLT3
SAI1_SC
K_A
EVENT
OUT
PB11
-
TIM2_CH4
-
-
-
-
-
USART3_
RX
LPUART1_
TX
-
QUADSPI1_
BK1_NCS
--
HRTIM1_
FLT4
-
EVENT
OUT
PB12
-
-
TIM5_ETR
-
I2C2_
SMBA
SPI2_NSS/
I2S2_WS
TIM1_BKIN
USART3_
CK
LPUART1_
RTS_DE
FDCAN2
_RX
--
-
HRTIM1_
CHC1
-
EVENT
OUT
PB13
-
-
-
-
-
SPI2_SCK/
I2S2_CK
TIM1_
CH1N
USART3_
CTS
LPUART1_
CTS
FDCAN2
_TX
--
-
HRTIM1_
CHC2
-
EVENT
OUT
PB14
-
TIM15_CH1
-
-
-
SPI2_MISO
TIM1_
CH2N
USART3_
RTS_DE
COMP4_
OUT
---
-
HRTIM1_
CHD1
-
EVENT
OUT
PB15
RTC_REFIN
TIM15_CH2
TIM15_CH1N
COMP3_OUT
TIM1_
CH3N
SPI2_MOSI/
I2S2_SD
-
-
-
---
-
HRTIM1_
CHD2
-
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
I2C4/
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C1/3/
TIM1/2/3/4/5/8/
20/15/
COMP1
QUADSPI1/
I2C3/4/SAI1/US
B/HRTIM1/
TIM8/20/15/
COMP3
I2C1/2/3/
4/TIM1/8/
16/17
QUADSPI1
/SPI1/2/3/4/
I2S2/3/I2C4/
UART4/5/
TIM8/
Infrared
QUADSPI1/
SPI2/3/I2S2
/3/TIM1/5/8/
20/Infrared
USART1/2/3
/FDCAN/CO
MP7/5/6
I2C3/4/UAR
T4/5/LPUA
RT1/COMP
1/2/7/4/5/6/
3
FDCAN/T
IM1/8/15/
FDCAN1/
2
QUADSPI1/
TIM2/3/4/8/1
7
LPTIM1/
TIM1/8/F
DCAN1/3
SDIO/FMC/LP
UART1/SAI1/H
RTIM1/TIM1
SAI1SAI1/HR
TIM1/OPAMP
2
UART4/5/
SAI1/TIM
2/15/
UCPD1
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com