Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc RFSW6024 Datasheet HTML 10Page - Qorvo, Inc RFSW6024 Datasheet HTML 11Page - Qorvo, Inc RFSW6024 Datasheet HTML 12Page - Qorvo, Inc RFSW6024 Datasheet HTML 13Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RFSW6024
5 MHz to 6 GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
10 of 13
www.qorvo.com
®
Package Marking and Dimensions
Marking: Part Number
– SW6024
Trace Code
  – Assigned by subcontractor
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
3. Contact plating: NiPdAu
PCB Mounting Pattern
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Via holes are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We recommend a 0.35mm
(#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.0
1”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com